Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 9Page - Renesas Technology Corp RYZ024A Datasheet HTML 10Page - Renesas Technology Corp RYZ024A Datasheet HTML 11Page - Renesas Technology Corp RYZ024A Datasheet HTML 12Page - Renesas Technology Corp RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 13 of 38
Nov.14.22
Table 15 shows the values of the measured leakage current (measurements taken on silicon) for the PMU
wake inputs.
Table 15.
Measured Leakage Current for the PMU Wake Inputs
Minimum
Typical
Maximum
3 nA
4 nA
12 nA
Table 16 shows values of the external pull-up/pull-down resistor to be used on the PMU wake inputs pads.
Table 16.
External Pull-up/Pull-down Resistor to Be Used on the PMU Wake Input Pads
Minimum
Typical
Maximum
1 kOhm
10 kOhm
100 kOhm
Table 17 shows details about the PMU wake inputs pulses detection mechanism timings.
Table 17.
Details about the PMU Wake Inputs Pulses Detection Mechanism Timings
Maximum Pulse Width
that Is Guaranteed to Be
Ignored
Minimum Pulse Width that Is
Guaranteed to Be Seen
11. ns
100 μs
Table 18 provides the internal pull-up current range for RESETN.
Table 18.
Internal Pull-Up Strength for RESETN Pad
Minimum
Typical
Maximum
73.5 nA
100 nA
160.5 nA
Digital IO Characteristics
The voltage and current characteristics of the various IO pads of the RYZ024A are described in this section.
The I/Os belong to different power groups:
•
PVDD_1V8
•
PMU_5V
For each I/O of these power group, the operational voltage range is described
in Table 19 and Table 20.
Caution:
The PCB designer must ensure that the voltage on these pads never exceeds Vih VIH of the
power group to which they belong.
See Table 19 for digital IO characteristics of the different IO pads. Refer to each interface of RYZ024A in
section Interfaces to know the power group and IO pad type for each pad. Note that IN pads are inputs only
whereas BIDIR can be both inputs and output.
Table 19.
DC Characteristics for Digital IOs, Voltage 1.8 V, PVDD_1V8 Power Group
Symbol
Minimum
Maximum
Unit
VIH
Input HIGH level
1.26
3.3
V
VIL
Input LOW level
0
0.54
V
VOH
Output HIGH voltage
1.44
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com