Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp RYZ024A Datasheet HTML 22Page - Renesas Technology Corp RYZ024A Datasheet HTML 23Page - Renesas Technology Corp RYZ024A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 20 of 38
Nov.14.22
Storage and Mounting
The RYZ024A module is Moisture Level 3 rated as per JEDEC industrial standard: http://www.ipc.org/TOC/J-
STD-033D-TOC.pdf. The RYZ024A is JEDEC J-STD-033D compliant and can be stored at T < 40 °C and
relative humidity < 90%. The RYZ024A can support up to 3 reflows with 250°C maximum.
Table 27.
Reflow Profile
Profile Feature
Solder Paste Alloy
Sn 96.5/Ag 3.0/Cu 0.5 (Lead Free solder paste)
Peak Package Body Temperature
235°C to 245°C
Fusion Time
Temp: over 220°C
Time: 60 seconds ~ 90 seconds
Pre-heat / Soak
Temp: 150 ~ 200°C
Time: 60 seconds ~ 120 seconds
Ramp-up Rate
< 3°C/second
Ramp-down Rate
-3°C to 0°C/second
Air Composition
N2, O2 contents less than 1,500 ppm
Figure 14.
Reflow Profile Parameters
Recommended stencil thickness: 0.1 mm to 0.13 mm (prefer 0.1 mm). More detail on PCB land pattern will
be provided in a future edition of the document.
Reliability Specification
RYZ024A has been tested against Renesas’s industrial reliability specification as described in the following
table.
Table 28.
Reliability Test Plan
Item
Test Conditions
Standard
No. of
Samples
Result
Preconditioning
• Bake: 125°C / 24 hours
• MSL3: 30°C/60% RH, 192 hrs
• SAT (CSAM & TSCAN)
• X-ray
• Reflow 3 cycles at Tp: 250 ±2°C
• SAT (CSAM & TSCAN)
JESD22-A113
175
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com