Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 4 Page - Renesas Technology Corp

  RYZ024A Datasheet HTML 1Page - Renesas Technology Corp RYZ024A Datasheet HTML 2Page - Renesas Technology Corp RYZ024A Datasheet HTML 3Page - Renesas Technology Corp RYZ024A Datasheet HTML 4Page - Renesas Technology Corp RYZ024A Datasheet HTML 5Page - Renesas Technology Corp RYZ024A Datasheet HTML 6Page - Renesas Technology Corp RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 4 of 38
Nov.14.22
Pad #
Pad Name
Primary
Function
Alternate
Function1
Power
Group
Direction
Pad
Type2
State at
reset
UART2
25
GPIO18/
RTS2/DSR0
GPIO18
RTS2/DSR
0
PVDD_1V
8
In/Out
BIDIR
HighZ, 2 mA
UART2
24
GPIO19/TXD3
GPIO19
TXD3
PVDD_1V
8
In/Out
BIDIR
HighZ, 2 mA
In for primary function, UART3
22
GPIO20/RXD3
GPIO20
RXD3
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
Out for primary function, UART3
21
GPIO21/CTS3
GPIO21
CTS3
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
UART3
23
GPIO22/RTS3
GPIO22
RTS3
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
UART3
1. Alternate functions will be available in future versions via SW upgrade.
2. UART pad types electrical characteristics are detailed in Table 19.
High-Speed UARTs Flow Control Signals
•
CTS0, CTS1, CTS2, CTS3: Clear-To-Send signals of resp. UART0, UART1, UART2, UART3 active low,
of the RYZ024A. To be connected to the CTS of the remote UART device. See Table 3.
Leave CTS unconnected if hardware flow control is not used.
•
RTS0, RTS1, RTS2, RTS3: Ready-To-Send signals resp. UART0, UART1, UART2, UART3 active low,
of the RYZ024A. To be connected to the RTS of the remote UART device. Tie to a 1 kOhm pull-down on
RTS pin when flow control is not used. If it is connected to an external component (like a RS232 driver),
the user should make sure that this component will present a low level to the RYZ024A. See Figure 3.
Figure 3 represents the typical implementation for the hardware flow control.
Figure 3. UART Convention and Flow Control
Note:
See Module Integration Guide for details on UART connection.
RYZ024A
Application MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com