Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 24Page - Renesas Technology Corp RYZ024A Datasheet HTML 25Page - Renesas Technology Corp RYZ024A Datasheet HTML 26Page - Renesas Technology Corp RYZ024A Datasheet HTML 27Page - Renesas Technology Corp RYZ024A Datasheet HTML 28Page - Renesas Technology Corp RYZ024A Datasheet HTML 29Page - Renesas Technology Corp RYZ024A Datasheet HTML 30Page - Renesas Technology Corp RYZ024A Datasheet HTML 31Page - Renesas Technology Corp RYZ024A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 28 of 38
Nov.14.22
Appendix 2. Pin Descriptions
Pad #
Pad
Name
Power
Group
Direction
Min
Operational
Value
Typical
Operational
Value
Max
Operational
Value
State @
PSP-M
(Deep
Sleep)
State @
PSP
State @
PSPA / PSPO
(Standby /
Active)
Power
8
1V8
PVDD_1V8
Out
1.62 V
1.8 V
1.98 V
Not
available
Min value
Typical value
73
SIM_
VCC1
PVDD_1V8
Out
1.62 V
1.8 V
1.98 V
Not
available
Typical
value
Typical value
60,
62, 63
VBAT
N/A
in
2.2 V
5.5 V
Function
Enabled
Function
Disabled
Pad
#
Pad
Name
Primary
Function
Alternate
Function
Power
Group
Direction
capability
Direction
set after
boot up
Pad
type
State
@reset
State @
deep-
sleep
State
@sleep
State
@standby
State
@active
Active
Logical
Level
Configur
-able by
AT+SQN
HWCFG
Is
internal
Pull-up
or Pull-
down
set ?
UART
36
GPIO
12/TX
D0
TXD0
In for
primary
function,
UART0
GPIO12
PVDD
_1V8
In/Out
In
BIDIR
HighZ,
2mA
HighZ
HighZ
HighZ
HighZ
Yes
pull-up
34
GPIO
13/RX
D0
RXD0
Out for
primary
function,
UART0
GPIO13
PVDD
_1V8
In/Out
Out
BIDIR
Out-1,
2mA
HighZ
HighZ
Driven by
RYZ024A
Driven by
RYZ024
A
Yes
35
GPIO
14/CT
S0
CTS0
Out for
primary
function,
UART0
GPIO14
PVDD
_1V8
In/Out
Out
BIDIR
Out-1,
2mA
HighZ
High
Driven by
RYZ024A
Driven by
RYZ024
A
Low
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com