Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp RYZ024A Datasheet HTML 22Page - Renesas Technology Corp RYZ024A Datasheet HTML 23Page - Renesas Technology Corp RYZ024A Datasheet HTML 24Page - Renesas Technology Corp RYZ024A Datasheet HTML 25Page - Renesas Technology Corp RYZ024A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 22 of 38
Nov.14.22
Regulatory Information
This section contains general regulatory information.
FCC Regulatory Approval
FCC-ID: 2AU6XRZ024A (single modular approval)
This above identified LTE radio module is not intended to be provided to end-users but is for installation by
OEM integrators only.
Installation/Integration
OEM integrators must follow Renesas installation instructions to provide for and benefit from FCC compliant
module integrations and must abide especially by the following provisions:
The maximum antenna gain values (accounting for cable attenuation) to comply with the FCC maximum
ERP/EIRP limits and with RF Exposure rules:
•
LTE band 2 (1900 PCS): 8.0 dBi
•
LTE band 4 (AWS-1): 5.0 dBi
•
LTE band 5 (850): 9.4 dBi
•
LTE band 12 (700a): 8.6 dBi
•
LTE band 13 (700c): 9.1 dBi
•
LTE band 17 (700b): 8.7 dBi
•
LTE band 25 (1900+): 8.0 dBi
•
LTE band 66 (AWS-3): 5.0 dBi
The Renesas’ module integration guidelines must be closely followed.
Compliance of host integrations of the module is limited to hosts adaptation designs which are identical to
Renesas’ reference design.
Host integrations with adaption designs deviating from Renesas’ reference design require either class 2
permissive change to this modular approval or a separate host approval with different FCC-ID;
Host integrations with co-located (simultaneously operating) radio transmitters must be evaluated in
accordance with FCC multi-transmitter rules and may require either class 2 permissive change to this
modular approval or a separate host approval with different FCC-ID, dependent on the result of the
evaluation; Inquiry at FCC or a TCB is urgently recommended.
Integrations of the module into host products which are intended for portable use, i.e. less than 20cm
distance between its radiating structures (antenna) and the body of nearby persons, or which otherwise put
additional technical requirements like Hearing Aid compatibility require either class 2 permissive change to
this modular approval or a separate host approval with different FCC-ID;
Compliance with Unwanted Emission Limits for Digital Device
If the OEM host integration fully complies with the above described reference design and can completely
inherit and rest on compliance of the existing modular approval the OEM remains still responsible to show
compliance of the overall end-product with the FCC limits for unwanted conducted and radiated emissions
from the digital device.
End-product Labelling
•
FCC-ID
The module’s FCC-ID must either be visible from the exterior of the host product (e.g. per window) or per
electronic display, or shall be displayed on an additional exterior label per the following or similar string:
contains FCC-ID: 2AU6XRZ024A
•
Digital Device – Unwanted Emissions Notice
If the end-product falls under part 15 of the FCC rules (it shall display the following user notice on its exterior
acc. To part 15.19 (the notice may be printed in the manual in case the host is too small):
This device complies with Part 15 of the FCC Rules. Operation is subject to the
following two conditions:
1. This device may not cause harmful interference, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com