Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp RYZ024A Datasheet HTML 22Page - Renesas Technology Corp RYZ024A Datasheet HTML 23Page - Renesas Technology Corp RYZ024A Datasheet HTML 24Page - Renesas Technology Corp RYZ024A Datasheet HTML 25Page - Renesas Technology Corp RYZ024A Datasheet HTML 26Page - Renesas Technology Corp RYZ024A Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 23 of 38
Nov.14.22
2. This device must accept any interference received, including interference that may
cause undesired operation.
• Further Labelling Requirements may apply dependent on the FCC rule parts relevant to the host product.
• End-product User Instructions / Notices in the Manual
At a minimum, end-product users must be provided with the following notices at a prominent location of
the product literature furnished with the product:
Product Modifications
Modifications not expressly approved by the party responsible for compliance could
void the user’s authority to operate this equipment.
RF Exposure Compliance
This equipment complies with FCC radio frequency radiation exposure rules and
limits set forth for an uncontrolled environment, when installed and operated with
minimum distance of 20cm between its radiating structures (antenna) and the body of
nearby persons and when not operated simultaneously with other nearby radio-
transmitters.
•
Maximum Antenna Gain
The user instructions of end-products equipped with standard external antenna connectors for the modular
radio transmitter providing the option to connect other antennae than those which may or may not be
bundled with the end-product must list the maximum allowed antenna gain values as derived from those
given above, accounting for the cable attenuations of the actual installation.
•
Digital Device – Unwanted Emissions Notice
If the end-product is or contains a digital device (unintentional radio portions) and is not exempted by its use
case (like vehicular use) the following part 15.105 (b) user notice shall be provided at prominent location of
the product literature:
This equipment has been tested and found to comply with the limits for a Class B
digital device, pursuant to part 15 of the FCC rules. These limits are designed to
provide reasonable protection against harmful interference in a residential
installation.
This equipment generates uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference
to radio communications. However, there is no guarantee that interference will not
occur in a particular installation. If this equipment does cause harmful interference
to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to try to correct the interference by one or more of the
following measures: o Reorient or relocate the receiving antenna. O Increase the
separation between the equipment and receiver. O Connect the equipment into an outlet
on a circuit different from that to which the receiver is connected. O Consult the
dealer or an experienced radio/TV technician for help
• Further User Notices
May be required dependent on the FCC rule parts relevant to the host product.
• Non-allowed User Instructions
The end-product user guidance may NOT include instructions about how to install or de-install the
module.
ISED Regulatory Approval
This device complies with ISED’s licence exempt RSSs. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference, and (2) this device must accept any interference
received, including interference that may cause undesired operation.
Le 23isable appareil est conforme aux CNR de l’ISED applicables aux appareils radio exempts de licence.
L’exploitation est autorisée aux deux conditions suivantes : (1) le 23isabled23ve ne doit pas produire de
brouillage préjudiciable, et (2) ce 23isabled23ve doit supporter tout brouillage reçu, y compris un brouillage
susceptible de provoquer un fonctionnement indésirable.
This device is intended only for OEM integrators under the following conditions: (For module device use)
1.
The antenna must be installed such that 20 cm is maintained between the antenna and users, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com