Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp RYZ024A Datasheet HTML 22Page - Renesas Technology Corp RYZ024A Datasheet HTML 23Page - Renesas Technology Corp RYZ024A Datasheet HTML 24Page - Renesas Technology Corp RYZ024A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 21 of 38
Nov.14.22
Item
Test Conditions
Standard
No. of
Samples
Result
TC
Temperature Shock Cycling (TC):
-40°C to +85°C air to air, 20
minutes, ramp rate 20°C/minute,
1000 cycles
JESD22-A104
25
PASS
THB
Temperature Humidity Bias Test
+85°C, 85 % RH, Vcc Max, Read
Point at 168 hrs
JESD22-A101
25
168 hrs:
PASS
Environmental
Testing – A Cold
Environmental Testing Test A Cold. -
40°C, 500 hrs
IEC60068-2-1
JESD22-A119
25
PASS
Environmental
Testing – B Dry
Heat
Environmental Testing
Test B Dry Heat. +85°C, 500 hrs
IEC60068-2-2
JESD22-A103
25
PASS
HTOL
High Temperature Operating Test
75°C, Vcc max, Tx: 50% / Rx: 50%.
Read Point at 283/500/1,000 hours
N/A
50
PASS
Shock
Mechanical Shock (MS)
(Half Sine, 500G, 1.0 ms, 1 shock
for
DIN IEC 68-2-
27
15
PASS
Drop
Drop Test
1. Height: 80 cm;
2. Concrete or steel;
3. All surfaces and edges.
DIN IEC 68-2-
31
ETS 300019-2-
7
15
PASS
Vibration
Vibration Test (Vib) Sweep-Sine
Vibration.
Sinusoidal, 10 ~ 500 Hz, 1.0 octave/
min, 10 sweep cycles for 2 hr for
each axis.
DIN IEC 68-
2-6
EIA/TIA 571
§4.1.1.2
15
PASS
ESD
HBM Start: ±1000V, Stop:± 1500V
JS-
001JESD22-
A114
12
PASS
CDM Start: ±250V, Stop: ±500V
JS-
002STM5.3.1
12
PASS
TCT
Temperature Change Test
10 cycles; 1 cycle has the following
steps (roughly 7+ hrs):
• Ramp from ambient (23°C) to
-40°C at 3°C/min.
• 3 hrs at – 40°C
• Ramp to 85°C at 3°C/min
• 3 hrs at 85°C
• Ramp from 85°C to 23°C at 3°C/
min
IEC60068-2-14
25
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com