Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 3 Page - Renesas Technology Corp

  RYZ024A Datasheet HTML 1Page - Renesas Technology Corp RYZ024A Datasheet HTML 2Page - Renesas Technology Corp RYZ024A Datasheet HTML 3Page - Renesas Technology Corp RYZ024A Datasheet HTML 4Page - Renesas Technology Corp RYZ024A Datasheet HTML 5Page - Renesas Technology Corp RYZ024A Datasheet HTML 6Page - Renesas Technology Corp RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 3 of 38
Nov.14.22
UART
RYZ024A, when used as a slim modem, has three UARTs available. While the function of the UARTs can be
configured, the default function for each UART is as follows:
•
UART0: data and control from external MCU via AT commands
•
UART1: debug and upgrade
•
UART2: modem console
This default configuration can be overridden. In addition, a fourth UART (UART3) is available for applications
running on RYZ024A.
Note: See section Power for behavior of IOs in Deep Sleep mode.
Table 2.
UART Signals
Pad #
Pad Name
Primary
Function
Alternate
Function1
Power
Group
Direction
Pad
Type2
State at
reset
36
GPIO12/TXD0
TXD0
GPIO12
PVDD_1V
8
In/Out
BIDIR
HighZ, 2 mA
In for primary function, UART0
34
GPIO13/RXD0
RXD0
GPIO13
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
Out for primary function, UART0
35
GPIO14/CTS0
CTS0
GPIO14
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
Out for primary function, UART0
33
RTS0
RTS0
N/A
PMU_5V
In
IN
HighZ
Wake signal enabled by default.
32
TXD1
TXD1
N/A
PVDD_1V
8
In
BIDIR
HighZ, 2 mA
UART1
30
RXD1
RXD1
N/A
PVDD_1V
8
Out
BIDIR
Out-1, 2 mA
UART1
31
CTS1
CTS1
N/A
PVDD_1V
8
Out
BIDIR
Out-1, 2 mA
UART1
29
RTS1
RTS1
N/A
PMU_5V
In
IN
HighZ
Wake signal enabled by default.
28
GPIO15/TXD2
TXD2
GPIO15
PVDD_1V
8
In/Out
BIDIR
HighZ, 2 mA
In for primary function, UART2
26
GPIO16/RXD2
RXD2
GPIO16
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA
Out for primary function, UART2
27
GPIO17/CTS2/DC
D0
GPIO17
CTS2/DCD
0
PVDD_1V
8
In/Out
BIDIR
Out-1, 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com