Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 10Page - Renesas Technology Corp RYZ024A Datasheet HTML 11Page - Renesas Technology Corp RYZ024A Datasheet HTML 12Page - Renesas Technology Corp RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 14 of 38
Nov.14.22
Symbol
Minimum
Maximum
Unit
VOL
Output LOW voltage
0
0.36
V
IRPU
Input pull-up resistor current
15
µA
RRPU
Input pull-up resistance
27
34
kOhm
IRPD
Input pull-down resistor current
15
µA
RRPD
Input pull-down resistance
27
34
kOhm
VH
Input hysteresis
0.18
V
IPAD
Input
leakage
current,
non-
tolerant
-1
1
µA
IOZ
Off-State leakage current
1
µA
Table 20.
DC Characteristics for Digital IOs, PMU_5V Power Group
Symbol
Minimum
Maximum
Unit
VIH
Input HIGH level
0.8
VBAT + 0.6
(max 5.5)
V
VIL
Input LOW level
0
0.2
V
RF Performance
Important:
For proper operation, the VSWR at the antenna pad must be better than 2:1 in conducted
mode and 3:1 in radiated mode. A higher value could result either in poor RF performance,
reduced Tx power or increased sideband/harmonic emission levels. Very high VSWRs can
permanently damage the power amplifier.
It is recommended to add a DC blocking capacitor in series with the module RF input/ output
pad (#90).
RF Sensitivity
The RYZ024A exhibits the following typical RF sensitivity at 2.5 V.
Table 21.
RF Sensitivity
Band
Typical Sensitivity
Low Bands: B5, B8, B12, B13, B14, B17, B18, B19, B20, B26, B28, B71,
B85
-105 dBm
High bands: B1, B2, B3, B4, B25, B66
-106 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com