Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 2 Page - Renesas Technology Corp

  RYZ024A Datasheet HTML 1Page - Renesas Technology Corp RYZ024A Datasheet HTML 2Page - Renesas Technology Corp RYZ024A Datasheet HTML 3Page - Renesas Technology Corp RYZ024A Datasheet HTML 4Page - Renesas Technology Corp RYZ024A Datasheet HTML 5Page - Renesas Technology Corp RYZ024A Datasheet HTML 6Page - Renesas Technology Corp RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 2 of 38
Nov.14.22
Feature
Functional description
LTE Features
3GPP LTE Release 13/14 Cat M1/NB1/NB2 compliant;
LTE Cat M1: 1.1 Mbps / 0.3 Mbps UL/DL throughput;
LTE Cat NB1: 62.5 kbps / 27.2 kbps UL/DL throughput;
LTE Cat NB2: 160 kbps / 120.7 kbps UL/DL throughput.
Note: Cat NB1/NB2 will be supported in future module versions via software
upgrade.
Order Part Number
Part number
Description
MSL
Rating
Shipping
Packaging
Operating
Temperature
RYZ024A000FZ00#HD0 LTE Cat-M1/NB1/NB2 Cellular
Module
3
Tape & Reel
-40 to +85°C
Pin Assignment
Figure 2. Module Pin Assignments
Interfaces
RYZ024A provides interfaces that connect to the external application. These interfaces include
communication I/O ports, GPIO and antenna interface. This chapter provides description of all these
interfaces. Power pads and details on power groups are provided in section Electrical Characteristics.
Important Notes: Please refer to this datasheet's Appendix for details on each pin's:
•
Default assigned function
•
State during low power modes
•
Ability to be configured via AT commands
•
Pull status and requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com