Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8413S08I Datasheet (PDF) - Renesas Technology Corp

ICS8413S08I Datasheet PDF - Renesas Technology Corp
Part # ICS8413S08I
Download  ICS8413S08I Download
File Size   896.12 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

ICS8413S08I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8413S08I Datasheet PDF - Renesas Technology Corp

Part # ICS8413S08I
Download  ICS8413S08I Click to download

File Size   896.12 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

ICS8413S08I Datasheet (HTML) - Renesas Technology Corp


ICS8413S08I Product details

General Description
The 8413S08 is a high performance PLL-based clock generator
optimized for processor core, PCI/PCI-X/PCIe bus, SGMII and
Gigabit Ethernet PHY clocks. The clock generator offers ultra-low
jitter outputs that make it ideal to serve as a central clocking device
for multiple clock destinations. The output frequencies are generated
from a 25MHz parallel resonant crystal, or external differential input
source. The industrial temperature range of the 8413S08 supports
tele-communication, networking and storage requirements.
Features
• Eight selectable 100MHz or 125MHz clocks for PCI Express and
sRIO, HCSL interface levels
• One 156.25MHz SGMII clock, LVPECL interface levels
• Three LVCMOS/LVTTL outputs, 20 output impedance
• Selectable external crystal or differential (single-ended) input
source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Output supply voltage modes:
VDD / VDDO 3.3V/3.3V
3.3V/2.5V
• Full 3.3V output supply mode (HCSL)
• PCI Express™ (2.5 Gb/s), Gen 2 (5 Gb/s), and Gen 3 (8 Gb/s) jitter
compliant
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8413S08I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS841202-245 RENESAS-ICS841202-245 Datasheet
335Kb / 19P
Crystal-to-HCSL Clock Synthesizer w/Spread Spectrum
MAY 20, 2016
logo
Integrated Device Techn...
ICS841202AKI-245LF IDT-ICS841202AKI-245LF Datasheet
54Kb / 1P
2 HCSL OUT SYNTHESIZER
logo
Renesas Technology Corp
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841604I-01 RENESAS-ICS841604I-01 Datasheet
551Kb / 20P
FemtoClock® Crystal-to-0.7V Differential
APRIL 10, 2012
More results


Similar Description - ICS8413S08I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
Clock Generator for Cavium Processors
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
Clock Generator for Cavium Processors
October 11, 2019
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
Clock Generator for Cavium Processors
06/30/15
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
MARCH 28, 2011
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com