Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet (PDF) - Renesas Technology Corp

X9260 Datasheet PDF - Renesas Technology Corp
Part # X9260
Download  X9260 Download
File Size   434.45 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Supply/Low Power/256-Tap/SPI bus

X9260 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9260 Datasheet PDF - Renesas Technology Corp

Part # X9260
Download  X9260 Click to download

File Size   434.45 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Supply/Low Power/256-Tap/SPI bus

X9260 Datasheet (HTML) - Renesas Technology Corp


X9260 Product details

FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/pot–0.4% Resolution
• SPI Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 100 typical @ V+ = 5V,
V- = -5V
• 4 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current <5μA Max
• VCC: 2.7V to 5.5V Operation
• 50k, 100k Versions of End to End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 24 Ld SOIC
• Low Power CMOS
• Power Supply VCC = 2.7V to 5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - X9260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9260 INTERSIL-X9260 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9260 INTERSIL-X9260 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9260TS24 INTERSIL-X9260TS24 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9260TS24-27 INTERSIL-X9260TS24-27 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
More results


Similar Description - X9260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
Single Supply/Low Power/1024-Tap/SPI Bus
March 25, 2005
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
March 31, 2005
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus
February 13, 2008
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com