Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 3Page - Renesas Technology Corp X9260 Datasheet HTML 4Page - Renesas Technology Corp X9260 Datasheet HTML 5Page - Renesas Technology Corp X9260 Datasheet HTML 6Page - Renesas Technology Corp X9260 Datasheet HTML 7Page - Renesas Technology Corp X9260 Datasheet HTML 8Page - Renesas Technology Corp X9260 Datasheet HTML 9Page - Renesas Technology Corp X9260 Datasheet HTML 10Page - Renesas Technology Corp X9260 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN8170.3
August 29, 2006
Table 5. Wiper Counter Register, WCR (8-bit), WCR[7:0]: Used to store the current wiper position (Volatile, V).
Table 5. Data Register, DR (8-bit), Bit [7:0]: Used to store wiper positions or data (Nonvolatile, NV).
DEVICE DESCRIPTION
Instructions
IDENTIFICATION BYTE ( ID AND A )
The first byte sent to the X9260 from the host,
following a CS going HIGH to LOW, is called the
Identification Byte. The most significant four bits of the
slave address are a device type identifier. The ID[3:0]
bits is the device id for the X9260; this is fixed as
0101[B] (refer to Table 3).
The AD[3:0] bits in the ID byte is the internal slave
address. The physical device address is defined by
the state of the A3 - A0 input pins. The slave address
is externally specified by the user. The X9260
compares the serial data stream with the address
input state; a successful compare of both address bits
is required for the X9260 to successfully continue the
command sequence. Only the device which slave
address matches the incoming device address sent
by the master executes the instruction. The A3 - A0
inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
INSTRUCTION BYTE ( I[3:0] )
The next byte sent to the X9260 contains the instruction
and register pointer information. The three most
significant bits are used provide the instruction opcode
(I[3:0]). The RB and RA bits point to one of the four
Data Registers of each associated XDCP. The least
significant bit points to one of two Wiper Counter
Registers or Pots.The format is shown below in Table 4.
Table 3. Identification Byte Format
Table 4. Instruction Byte Format
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VV
VVVVVV
(MSB)
(LSB)
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
ID3
ID2
ID1
ID0
A3
A2
A1
A0
010
1
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
RB
RA
0
P0
(MSB)
(LSB)
Instruction
Data
Pot Selection
Opcode
Selection
(WCR Selection)
Register
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com