Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 2Page - Renesas Technology Corp X9260 Datasheet HTML 3Page - Renesas Technology Corp X9260 Datasheet HTML 4Page - Renesas Technology Corp X9260 Datasheet HTML 5Page - Renesas Technology Corp X9260 Datasheet HTML 6Page - Renesas Technology Corp X9260 Datasheet HTML 7Page - Renesas Technology Corp X9260 Datasheet HTML 8Page - Renesas Technology Corp X9260 Datasheet HTML 9Page - Renesas Technology Corp X9260 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
FN8170.3
August 29, 2006
Figure 1. Detailed Potentiometer Block Diagram
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9260 contains two Wiper Counter Registers, one
for each DCP potentiometer. The Wiper Counter
Register can be envisioned as a 8-bit parallel and
serial load counter with its outputs decoded to select
one of 256 switches along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated data registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction (See Instruction section for more details).
Finally, it is loaded with the contents of its Data
Register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9260 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Power-up guidelines are recommended to ensure
proper loadings of the DR0 value into the WCR.
Data Registers (DR)
Each potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bits [7:0] are used to store one of the 256 wiper
positions or data (0~255).
Status Register (SR)
This 1-bit Status Register is used to store the system
status.
WIP: Write In Progress status bit, read only.
– When WIP = 1, indicates that high-voltage write
cycle is in progress.
– When WIP = 0, indicates that no high-voltage write
cycle is in progress.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com