Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9260 Datasheet HTML 1Page - Renesas Technology Corp X9260 Datasheet HTML 2Page - Renesas Technology Corp X9260 Datasheet HTML 3Page - Renesas Technology Corp X9260 Datasheet HTML 4Page - Renesas Technology Corp X9260 Datasheet HTML 5Page - Renesas Technology Corp X9260 Datasheet HTML 6Page - Renesas Technology Corp X9260 Datasheet HTML 7Page - Renesas Technology Corp X9260 Datasheet HTML 8Page - Renesas Technology Corp X9260 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
FN8170.3
August 29, 2006
DETAILED FUNCTIONAL DIAGRAM
Ordering Information
PART NUMBER
PART
MARKING
VCC LIMITS (V)
POTENTIOMETER
ORGANIZATION
(k
)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG. DWG. #
X9260TS24I
X9260TS I
5 ±10%
100
-40 to +85
24 Ld SOIC (300 mil)
M24.3
X9260TS24IZ (Note)
X9260TS ZI
-40 to +85
24 Ld SOIC (300 mil)
(Pb-free)
M24.3
X9260US24
X9260US
50
0 to +70
24 Ld SOIC (300 mil)
M24.3
X9260US24Z (Note)
X9260US Z
0 to +70
24 Ld SOIC (300 mil)
(Pb-free)
M24.3
X9260TS24I-2.7
X9260TS G
2.7 to 5.5
100
-40 to +85
24 Ld SOIC (300 mil)
M24.3
X9260TS24IZ-2.7 (Note) X9260TS ZG
-40 to +85
24 Ld SOIC (300 mil)
(Pb-free)
M24.3
X9260US24-2.7
X9260US F
50
0 to +70
24 Ld SOIC (300 mil)
M24.3
X9260US24Z-2.7 (Note) X9260US ZF
0 to +70
24 Ld SOIC (300 mil)
(Pb-free)
M24.3
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
RH1
RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
RH0 RL0
Data
8
RW0
RW1
Pot 0
INTERFACE
AND
CONTROL
CIRCUITRY
VCC
VSS
256-taps
50K
 and 100K
CS
SCK
A0
SO
SI
HOLD
WP
A1
Power-on
Recall
Power-on
Recall
V+
V-
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com