Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 5Page - Renesas Technology Corp X9260 Datasheet HTML 6Page - Renesas Technology Corp X9260 Datasheet HTML 7Page - Renesas Technology Corp X9260 Datasheet HTML 8Page - Renesas Technology Corp X9260 Datasheet HTML 9Page - Renesas Technology Corp X9260 Datasheet HTML 10Page - Renesas Technology Corp X9260 Datasheet HTML 11Page - Renesas Technology Corp X9260 Datasheet HTML 12Page - Renesas Technology Corp X9260 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN8170.3
August 29, 2006
Figure 2. Two-Byte Instruction Sequence
Figure 3. Three-Byte Instruction Sequence (Write)
Figure 4. Three-Byte Instruction Sequence (Read)
ID3 ID2 ID1 ID0
0
A1
A0
I3
I2
I1
RB RA
P0
SCK
SI
CS
0101
Device ID
Internal
Instruction
Opcode
Address
Register
0
I0
Address
Pot/WCR
Address
0
0
0
01
0
1
A1 A0
I3 I2
I1
I0
RB RA
P0
SCL
SI
D7 D6 D5 D4 D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
00
WCR[7:0]
or
Data Register Bit [7:0]
0
01
0
1
A1 A0
I3
I2
I1
I0
RB RA
P0
SCL
SI
D7 D6 D5 D4 D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
00
WCR[7:0]
S0
X
X
X
XX
XX
X
Don’t Care
or
Data Register Bit [7:0]
0
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com