Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9260 Datasheet HTML 1Page - Renesas Technology Corp X9260 Datasheet HTML 2Page - Renesas Technology Corp X9260 Datasheet HTML 3Page - Renesas Technology Corp X9260 Datasheet HTML 4Page - Renesas Technology Corp X9260 Datasheet HTML 5Page - Renesas Technology Corp X9260 Datasheet HTML 6Page - Renesas Technology Corp X9260 Datasheet HTML 7Page - Renesas Technology Corp X9260 Datasheet HTML 8Page - Renesas Technology Corp X9260 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FN8170.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners
X9260
Dual Supply/Low Power/256-Tap/SPI bus
Dual Digitally-Controlled (XDCP™)
Potentiometers
FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/pot–0.4% Resolution
• SPI Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 100
 typical @ V+ = 5V,
V- = -5V
• 4 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current <5µA Max
•VCC: 2.7V to 5.5V Operation
• 50k
, 100k Versions of End to End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 24 Ld SOIC
• Low Power CMOS
• Power Supply VCC = 2.7V to 5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The
X9260
integrates
2
digitally
controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and a
four nononvolatile Data Registers that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the
contents of the default Data Register (DR0) to the
WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
RH0
RL0
Bus
RW0
Interface
and Control
VCC
VSS
SPI
Bus
Address
Data
Status
Write
Read
Transfer
50k
 or 100k versions
Inc/Dec
RH1
RL1
RW1
Power-on Recall
Wiper Counter
Registers (WCR)
Data Registers
(DR0-DR3)
Interface
Control
V+
V-
Data Sheet
August 29, 2006
OBSO
LETE
PROD
UCT
POSS
IBLE S
UBST
ITUTE
PROD
UCT
ISL22
424


Similar Part No. - X9260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9260 INTERSIL-X9260 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9260 INTERSIL-X9260 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9260TS24 INTERSIL-X9260TS24 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9260TS24-27 INTERSIL-X9260TS24-27 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
More results

Similar Description - X9260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
Dual Supply/Low Power/256-Tap/SPI bus
February 28, 2005
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
Single Supply/Low Power/1024-Tap/SPI Bus
March 25, 2005
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
March 31, 2005
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus
February 13, 2008
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com