Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 15Page - Renesas Technology Corp X9260 Datasheet HTML 16Page - Renesas Technology Corp X9260 Datasheet HTML 17Page - Renesas Technology Corp X9260 Datasheet HTML 18Page - Renesas Technology Corp X9260 Datasheet HTML 19Page - Renesas Technology Corp X9260 Datasheet HTML 20Page - Renesas Technology Corp X9260 Datasheet HTML 21Page - Renesas Technology Corp X9260 Datasheet HTML 22Page - Renesas Technology Corp X9260 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
FN8170.3
August 29, 2006
APPLICATIONS INFORMATION
Basic Configurations of Electronic Potentiometers
Application Circuits
VR
RW
+VR
I
THREE- TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO-TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
NONINVERTING AMPLIFIER
VOLTAGE REGULATOR
OFFSET VOLTAGE ADJUSTMENT
COMPARATOR WITH HYSTERISIS
+
–
VS
VO
R2
R1
VO = (1+R2/R1)VS
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
+
–
VS
VO
R2
R1
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
100k
10k
10k
10k
-12V
+12V
TL072
+
–
VS
VO
R2
R1
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com