Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9260 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 9Page - Renesas Technology Corp X9260 Datasheet HTML 10Page - Renesas Technology Corp X9260 Datasheet HTML 11Page - Renesas Technology Corp X9260 Datasheet HTML 12Page - Renesas Technology Corp X9260 Datasheet HTML 13Page - Renesas Technology Corp X9260 Datasheet HTML 14Page - Renesas Technology Corp X9260 Datasheet HTML 15Page - Renesas Technology Corp X9260 Datasheet HTML 16Page - Renesas Technology Corp X9260 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
FN8170.3
August 29, 2006
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer Wiper Counter Register (WCR) to Data
Register (DR)
Transfer Data Register (DR) to Wiper Counter Reg-
ister (WCR)
Increment/Decrement Wiper Counter Register
(WCR)
Read Status Register (SR)
Notes: (1) “A1 ~ A0”: stands for the device addresses sent by the master.
(2) WPx refers to wiper position data in the Counter Register
(2) “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
(3) “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR
Addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1
00 A1 A0 1000 RB RA 00
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR and WCR
Addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1
00 A1 A0 11 10 RB RA
0
P0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR and WCR
Addresses
CS
Rising
Edge
0
1
0
1
0 0 A1 A0 1101 RB RA
0
P0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
WCR
Addresses
Increment/Decrement
(Sent by Master on SDA)
CS
Rising
Edge
0
1
0
1
0
0 A1 A0 0
0
1
0
X X
0 P0 I/D I/D
.
.
.
.
I/D I/D
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
WCR
Addresses
Data Byte
(Sent by X9260 on SO)
CS
Rising
Edge
0
1
0
1
00 A1 A0 010
10001
0
0
0
0
0
0
0
WIP
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com