Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST67K Datasheet (PDF) - OSRAM GmbH

LST67K Datasheet PDF - OSRAM GmbH
Part # LST67K
Download  LST67K Download
File Size   181.09 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper-Bright Low Current LED

LST67K Datasheet (PDF)

Go To PDF Page Download Datasheet
LST67K Datasheet PDF - OSRAM GmbH

Part # LST67K
Download  LST67K Click to download

File Size   181.09 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper-Bright Low Current LED

LST67K Datasheet (HTML) - OSRAM GmbH


LST67K Product details

Hyper TOPLED® Hyper-Bright Low Current LED



 

Features

• package:white P-LCC-2 package, colorless clear resin

• feature of the device:extremely wide viewing angle; ideal for backlighting and coupling in light guides

• wavelength:630 nm (super-red), 606 nm (orange), 587 nm (yellow)

• viewing angle:Lambertian Emitter (120°)

• technology:InGaAlP

• optical efficiency: 6 lm/W (yellow) 5 lm/W (super-red), 9 lm/W (orange)

• grouping parameter:luminous intensity, wavelength

• assembly methods:suitable for all SMT assembly methods

• soldering methods:IR reflow soldering and TTW soldering

• preconditioning:acc. to JEDEC Level 2

• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm

• ESD-withstand voltage:up to 2 kV acc. to JESD22-A114-B



Applications

• indoor displays (e.g. light writing displays)

• optical indicators

• coupling into light guides

• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising)

• interior automotive lighting (e.g. dashboard backlighting)

• marker lights

• signal and symbol luminaire




Similar Part No. - LST67K

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LST67K-J1K2 TO-GRACE-LST67K-J1K2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
LST67K-J1L2 TO-GRACE-LST67K-J1L2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
LST67K-K1L2 TO-GRACE-LST67K-K1L2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
More results


Similar Description - LST67K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
Hyper CHIPLED Hyper-Bright LED
LGV296 OSRAM-LGV296 Datasheet
557Kb / 14P
Hyper-Bright LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGT67K OSRAM-LGT67K Datasheet
565Kb / 15P
Hyper-Bright Low Current LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
Hyper-Bright LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com