Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST67K Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LST67K
Description  Hyper-Bright Low Current LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST67K Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LST67K Datasheet HTML 3Page - OSRAM GmbH LST67K Datasheet HTML 4Page - OSRAM GmbH LST67K Datasheet HTML 5Page - OSRAM GmbH LST67K Datasheet HTML 6Page - OSRAM GmbH LST67K Datasheet HTML 7Page - OSRAM GmbH LST67K Datasheet HTML 8Page - OSRAM GmbH LST67K Datasheet HTML 9Page - OSRAM GmbH LST67K Datasheet HTML 10Page - OSRAM GmbH LST67K Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LS T67K, LO T67K, LY T67K
2003-09-18
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(2 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 2 mA
10
10-3
10-2
-1
100
101
102
OHL00388
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
OHL01429
0
IF
T
0
mA
20
40
60
80 ˚C 100
5
10
15
20
25
T
A
T
S
A
T temp. ambient
S
T temp. solder point
OHL00376
10-3
10-2
10-1
100
101
102
I
10
10
-1
10
0
10
1
mA
2
(2 mA)
V
I
V
I
F
super-red
orange
yellow
super-red
orange
yellow
0.0
OHL00290
˚C
T
-60
V
V (25 ˚C)
Ι
Ι
-40 -20
0
20
40
60
100
super-red
orange
yellow
0.5
1.0
1.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com