Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST67K Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LST67K
Description  Hyper-Bright Low Current LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST67K Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LST67K Datasheet HTML 7Page - OSRAM GmbH LST67K Datasheet HTML 8Page - OSRAM GmbH LST67K Datasheet HTML 9Page - OSRAM GmbH LST67K Datasheet HTML 10Page - OSRAM GmbH LST67K Datasheet HTML 11Page - OSRAM GmbH LST67K Datasheet HTML 12Page - OSRAM GmbH LST67K Datasheet HTML 13Page - OSRAM GmbH LST67K Datasheet HTML 14Page - OSRAM GmbH LST67K Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
LS T67K, LO T67K, LY T67K
2003-09-18
15
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
All typical data and graphs are basing on representative samples, but don’t represent the production range. If requested,
e.g. because of technical improvements, these typ. data will be changed without any further notice.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components 1 may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or
system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
Revision History: 2003-09-18
Date of change
Previous Version:
2003-09-09
Page
Subjects (major changes since last revision)
3
Forward current
2003-07-24
3
Power consumption
2003-07-24
7
Max. Permissible Forward Current
2003-07-24
3
Thermal resistance
2003-07-24
14
note: dry pack
2003-09-09
1
ESD norm
2003-09-09
3
ambient temperature
2003-09-09
8
Permissible pulse handling capability
2003-09-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com