Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST67K Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LST67K
Description  Hyper-Bright Low Current LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST67K Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LST67K Datasheet HTML 7Page - OSRAM GmbH LST67K Datasheet HTML 8Page - OSRAM GmbH LST67K Datasheet HTML 9Page - OSRAM GmbH LST67K Datasheet HTML 10Page - OSRAM GmbH LST67K Datasheet HTML 11Page - OSRAM GmbH LST67K Datasheet HTML 12Page - OSRAM GmbH LST67K Datasheet HTML 13Page - OSRAM GmbH LST67K Datasheet HTML 14Page - OSRAM GmbH LST67K Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2003-09-18
14
LS T67K, LO T67K, LY T67K
Gurtung / Polarität und Lage
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation Packing unit 2000/reel, ø180 mm
or 8000/reel, ø330 mm
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch)
Anm.: Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short
Form Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier
sind Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
Note: Regarding dry pack you will find further information in the internet and in the Short Form Catalog
in chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative
references like JEDEC.
OHAY2271
C
A
4 (0.157)
1.5 (0.059)
2.9 (0.114)
4 (0.157)
2 (0.079)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com