Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet (PDF) - WOLFSPEED, INC.

AM417 Datasheet PDF - WOLFSPEED, INC.
Part # AM417
Download  AM417 Download
File Size   270.45 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Ratiometric instrumentation amplifier with adjustable output stage

AM417 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM417 Datasheet PDF - WOLFSPEED, INC.

Part # AM417
Download  AM417 Click to download

File Size   270.45 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Ratiometric instrumentation amplifier with adjustable output stage

AM417 Datasheet (HTML) - WOLFSPEED, INC.


AM417 Product details

FEATURES
• Instrumentation amplifier input for
positive input voltages: 0...200mV
• Adjustable gain
• Common mode input range (CMIR):
1.3…VCC - 2.2V
• Output voltage ratiometric to the
supply: 0.5...4.5V
• Low offset
• Low offset drift
• Supply voltage range:
5V ± 5% (ratiometric range)
• Wide operating temperature range:
-40°C...+125°C
• Ratiometric current source for the
supply of external measuring cells
• Output driver (PNP open collector):
IOUT = +11mA
• No limited resolution
• Output current limitation
• Low internal noise
• Integrated EMC protection
• Small SO8 package
• Low cost
DESCRIPTION
AM417 is a low-cost ratiometric interface IC
which has been specifically designed for the
conditioning of differential signals. The IC is
particularly suitable for the signal evaluation of
sensor elements which have to be powered by
an internal current source (OP). These include
piezoresistive and magnetoresistive silicon
measuring cells and temperature sensing
elements based on a resistor setup. In essence
AM417 consists of a precision instrumentation
amplifier, a ratiometric operational amplifier
and a protected voltage output which has been
configured as a driver stage. The amplifier can
be adjusted across a wide range using two
external resistors and the offset of an additional
resistor affixed to the measuring bridge.
Precision amplifier AM417 has been
engineered in such a way that it can be used as
an instrumentation amplifier for follow-on
processors or A/D converters to make optimum
use of the converter range.




Similar Part No. - AM417

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM417 AME-AM417 Datasheet
77Kb / 6P
RATIOMETRIC VOLTAGE TRANSMITTER
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
Analog Microelectronics...
AM417 ANALOGMICRO-AM417 Datasheet
270Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
July 2008
More results


Similar Description - AM417

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6800 LINER-LTC6800 Datasheet
208Kb / 12P
Input and Output, Instrumentation Amplifier
logo
IC-Haus GmbH
IC-MP ICHAUS-IC-MP Datasheet
1Mb / 22P
8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
75 CATV Output Stage Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Texas Instruments
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
Sensor Signal Conditioner With 0-5V Ratiometric Output
logo
Analog Devices
LT6372-1 AD-LT6372-1 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com