Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM417 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  AM417 Datasheet HTML 1Page - WOLFSPEED, INC. AM417 Datasheet HTML 2Page - WOLFSPEED, INC. AM417 Datasheet HTML 3Page - WOLFSPEED, INC. AM417 Datasheet HTML 4Page - WOLFSPEED, INC. AM417 Datasheet HTML 5Page - WOLFSPEED, INC. AM417 Datasheet HTML 6Page - WOLFSPEED, INC. AM417 Datasheet HTML 7Page - WOLFSPEED, INC. AM417 Datasheet HTML 8Page - WOLFSPEED, INC. AM417 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 4/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 5V (unless otherwise stated). Currents flowing into the IC are negative.
Symbols in the table refer to Figure 1 and Figure 2.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
System Parameters*
Supply Voltage Range
VCC
Ratiometric range
4.75
5
5.25
V
Maximum Supply Voltage
VCCmax
6
V
Quiescent Current
ICC
VCC = 5V, R1 = 500Ω, IIB = 1mA
7.6
mA
Temperature Specifications
Operating temperature
Tamb
-40
125
°C
Storage temperature
Tst
-55
125
°C
Junction temperature
TJ
150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OP (Ratiometric Current Source)
Input Voltage
VRB
Ratiometric with VCC = 5V
0.5
V
Input current
IRB
100
nA
Output Current Range
IIB
0.50
1.25
mA
Output Current accuracy
IIB
Ratiometric with VCC = 5V, R1 = 500 Ω
0.98
1
1.02
mA
Ratiometric Error
RAT@IB
RAT@IB = 1.05 VRB (VCC = 5V)
– VRB (VCC = 5.25V)
-1
1
mV
IIB vs. temperature
dIIB/dT
IIB = 1mA
-45
-25
-5
ppm/°C
IRB vs. temperature
dIRB/dT
IIB = 1mA
-20
+ 20
ppm/°C
Output Voltage Range
VIB
IIB = 1.25mA
2.0
VCC–0.2V
V
Output Resistance
RIB
RIB = VIB/IIB, VIB = 2V, ∆VIB = 2.8V,
IIB = 1mA,
1.5
30
MΩ
Instrumentation Amplifier
Common Mode Input Voltage
Range
CMIR
1.3
VCC–2.2V
V
Differential Input Voltage Range
∆VIN
0
200
mV
Internal Gain
GIA
9.8
10.0
10.2
Input Bias Current
IIN+;–
25
75
nA
Input Offset Voltage
VOIA
-3
3
mV
VOS vs. temperature
dVOIA/dT
Tamb = -40…100°C
-10
10
µV/°C
VOS vs. temperature
dVOIA/dT
Tamb = 100…125°C
-30
30
µV/°C
Output Voltage Range
VVIA
0.05
VCC–2V
V
Nonlinearity
NLIA
VIN– = 1.3V, ∆VIN = 100mV, 200mV
0.15
% FS
Common Mode Rejection Ratio
CMRR
VIN– = 1.3V, ∆VIN = 100mV
80
90
dB
Power Supply Rejection Ratio
PSRR
VIN– = 1.3V, ∆VIN = 100mV
74
80
dB
Input Voltage Noise
en
GIA = 10
35
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com