Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM417 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AM417 Datasheet HTML 1Page - WOLFSPEED, INC. AM417 Datasheet HTML 2Page - WOLFSPEED, INC. AM417 Datasheet HTML 3Page - WOLFSPEED, INC. AM417 Datasheet HTML 4Page - WOLFSPEED, INC. AM417 Datasheet HTML 5Page - WOLFSPEED, INC. AM417 Datasheet HTML 6Page - WOLFSPEED, INC. AM417 Datasheet HTML 7Page - WOLFSPEED, INC. AM417 Datasheet HTML 8Page - WOLFSPEED, INC. AM417 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 1/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
PRINCIPLE FUNCTION
Integrated instrumentation amplifier with an output stage for the amplification of differential
signals and with an internal current source for the supply of external signal sources. The
output signal is a voltage between 0.5 and 4.5V, ratiometrical to the supply voltage. The
output span could be adjusted by the changeable gain of the output stage.
TYPICAL APPLICATIONS
• Amplification of resistor bridge signals
• Voltage measurement e.g. temperature sensors
• Current measurement via Shunt resistors
• Amplification circuitry for sensing elements e.g. silicon pressure sensing elements
• Differential input circuit for microprocessors/ADC-applications
• Automotive bridge signal conditioning
I
BR = 1mA
AM417
V
CC = 5V
5%
differential
input voltage
0...200mV
V
OUT = 0,5...4,5V
ratiometric


Similar Part No. - AM417

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM417 AME-AM417 Datasheet
77Kb / 6P
RATIOMETRIC VOLTAGE TRANSMITTER
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
Analog Microelectronics...
AM417 ANALOGMICRO-AM417 Datasheet
270Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
July 2008
More results

Similar Description - AM417

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6800 LINER-LTC6800 Datasheet
208Kb / 12P
Input and Output, Instrumentation Amplifier
logo
IC-Haus GmbH
IC-MP ICHAUS-IC-MP Datasheet
1Mb / 22P
8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
75 CATV Output Stage Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Texas Instruments
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
Sensor Signal Conditioner With 0-5V Ratiometric Output
logo
Analog Devices
LT6372-1 AD-LT6372-1 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com