Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM417 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  AM417 Datasheet HTML 1Page - WOLFSPEED, INC. AM417 Datasheet HTML 2Page - WOLFSPEED, INC. AM417 Datasheet HTML 3Page - WOLFSPEED, INC. AM417 Datasheet HTML 4Page - WOLFSPEED, INC. AM417 Datasheet HTML 5Page - WOLFSPEED, INC. AM417 Datasheet HTML 6Page - WOLFSPEED, INC. AM417 Datasheet HTML 7Page - WOLFSPEED, INC. AM417 Datasheet HTML 8Page - WOLFSPEED, INC. AM417 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 3/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
FEATURES
• Instrumentation amplifier input for
positive input voltages: 0...200mV
• Adjustable gain
• Common mode input range (CMIR):
1.3…VCC - 2.2V
• Output voltage ratiometric to the
supply: 0.5...4.5V
• Low offset
• Low offset drift
• Supply voltage range:
5V
± 5% (ratiometric range)
• Wide operating temperature range:
-40°C...+125°C
• Ratiometric current source for the
supply of external measuring cells
• Output driver (PNP open collector):
IOUT = +11mA
• No limited resolution
• Output current limitation
• Low internal noise
• Integrated EMC protection
• Small SO8 package
• Low cost
DESCRIPTION
AM417 is a low-cost ratiometric interface IC
which has been specifically designed for the
conditioning of differential signals. The IC is
particularly suitable for the signal evaluation of
sensor elements which have to be powered by
an internal current source (OP). These include
piezoresistive and magnetoresistive silicon
measuring cells and temperature sensing
elements based on a resistor setup. In essence
AM417 consists of a precision instrumentation
amplifier, a ratiometric operational amplifier
and a protected voltage output which has been
configured as a driver stage. The amplifier can
be adjusted across a wide range using two
external resistors and the offset of an additional
resistor affixed to the measuring bridge.
Precision
amplifier
AM417
has
been
engineered in such a way that it can be used as
an instrumentation amplifier for follow-on
processors or A/D converters to make optimum
use of the converter range.
BLOCK DIAGRAM
1
7
AM417
8
Output-
stage
6
2
3
OP
IA
I
IB
4
5
IN+
IB
IN-
RB
VCC
VOUT
VR
R
9 R
GND
Figure 1: Block diagram of AM417.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com