Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM417 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button AM417 Datasheet HTML 3Page - WOLFSPEED, INC. AM417 Datasheet HTML 4Page - WOLFSPEED, INC. AM417 Datasheet HTML 5Page - WOLFSPEED, INC. AM417 Datasheet HTML 6Page - WOLFSPEED, INC. AM417 Datasheet HTML 7Page - WOLFSPEED, INC. AM417 Datasheet HTML 8Page - WOLFSPEED, INC. AM417 Datasheet HTML 9Page - WOLFSPEED, INC. AM417 Datasheet HTML 10Page - WOLFSPEED, INC. AM417 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 7/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
where VTHRFSH is current limitation threshold.
Should no current limit be necessary, the T1 transistor emitter can be directly connected up to pin
VCC (R2 = 0). Good thermal coupling between T1 and the IC reduces the temperature drift of
output current IOUT, thus raising the quality of the current limit.
The output stage is not protected against reverse polarity. Reverse polarity of VCC referenced to
ground can be realized using a simple additional circuit, see [3].
CALIBRATION WITH A RESISTOR BRIDGE CIRCUIT
Setting the output span
The output signal span can be set using gain GOUT of the output stage (see Equation 2):
IA
OUTME
SPAN
OUT
G
V
V
G
⋅
=
(5)
where
VSPAN = VOUTmax – VOUT min and VOUTME is the output voltage of the sensing element.
Setting the output offset
In a Wheatstone bridge circuit, such as those frequently used with piezoresistive sensors, the offset
of the output voltage
VOUTmin must be calibrated depending on the required degree of accuracy and
with reference to the offset of both the sensing element and the IC. To this end, a compensating
1
7
AM417
C
1
V
OUT
8
V
S
T
1
R
2
C
2
R
3
R
4
6
C
3
Ground
R
9 R
2
3
OP
IA
I
IB
Output-
stage
R
1
4
5
R
B1
R
B2
R
B3
R
B4
R
o
V
IN -
V
IN +
Figure 2: Measuring a constant-current sensing element using a Wheat-
VOUTME - = negative
bridge output signal
VOUTME + = positive
bridge output signal
VOUTME + - VOUTME - =
VOUTME
VOUTME + = VIN+
VOUTME - = VIN-
VIN+ - VIN_ = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com