Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM417 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button AM417 Datasheet HTML 7Page - WOLFSPEED, INC. AM417 Datasheet HTML 8Page - WOLFSPEED, INC. AM417 Datasheet HTML 9Page - WOLFSPEED, INC. AM417 Datasheet HTML 10Page - WOLFSPEED, INC. AM417 Datasheet HTML 11Page - WOLFSPEED, INC. AM417 Datasheet HTML 12Page - WOLFSPEED, INC. AM417 Datasheet HTML 13Page - WOLFSPEED, INC. AM417 Datasheet HTML 14Page - WOLFSPEED, INC. AM417 Datasheet HTML 15Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 11/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
and from Equation 11 we are presented with:
mV
mV
mV
V
V
RO
16
6
2
166
.
4
10
5
.
0
2
=
−
+
⋅
⋅
=
Referring to Equation 12 the resistance for offset calibration is thus:
Ω
=
⋅
=
32
2
0
0
IB
R
I
V
R
If
RO is set to 32Ω and if we take the offsets of sensing element and IC into consideration, the
output signal offset of the overall circuit is set to
VOUTmin = 0.5V and the maximum output signal is
VOUTmax = 4.5V.
Example 2: Piezoresistive pressure sensing element in a bridge circuit with a negative offset
• VOUTME = 100mV at VBR = 5V
• VCC = 5V
• VOUT = 0.5...4.5V, => VSPAN = 4V, VOUTmin = 0.5V
• VOSIC = 2mV
• VOSME= -10mV at VBR = 5V
The sensing element is supplied with constant current. Taking the maximum output voltage of the
OP into account (see
Example 1) IB is again selected as IIB = 1mA (R1 = 500Ω).
The bridge voltage is:
V
k
mA
R
I
V
BR
BR
BR
3
3
1
'
=
Ω
⋅
=
⋅
=
.
The output voltage of the sensing element is corrected by the ratio of the bridge voltages:
mV
V
V
mV
V
OUTME
60
5
3
100
'
=
⋅
=
The offset voltage of the sensing element is also corrected by the ratio of the bridge voltages:
mV
V
V
mV
V
OSME
6
5
3
10
'
−
=
⋅
−
=
Applying Equation 5 the following is accrued:
67
.
6
10
60
4
=
⋅
=
mV
V
G
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com