Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet (PDF) - Cirrus Logic

CS3308 Datasheet PDF - Cirrus Logic
Part # CS3308
Download  CS3308 Download
File Size   683.79 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 8-Channel Analog Volume Control

CS3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3308 Datasheet PDF - Cirrus Logic

Part # CS3308
Download  CS3308 Click to download

File Size   683.79 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 8-Channel Analog Volume Control

CS3308 Datasheet (HTML) - Cirrus Logic


CS3308 Product details

Description
The CS3308 is an 8-channel digitally controlled analog volume control designed specifically for high-end audio systems. It features a comprehensive I²C/SPI serial control port for easy device and volume configuration.

Features
♦ Complete Analog Volume Control
    – 8 Independently Controllable Channels
    – 3 Configurable Master Volume and Muting Controls
♦ Wide Adjustable Volume Range
    – -96 dB to +22 dB in ¼ dB Steps
♦ Low Distortion & Noise
    – -112 dB THD+N
    – 123 dB Dynamic Range
♦ Noise-Free Level Transitions
    – Zero-Crossing Detection with Programmable Time-Out
♦ Low Channel-to-Channel Crosstalk
    – 120 dB Inter-Channel Isolation
♦ Comprehensive Serial Control Port
    – Supports I²C® and SPITM Communication
    – Independent Control of up to 128 Devices on a Shared 2-Wire I²C or 3-Wire SPI Control Bus
    – Supports Individual and Grouped Control of all CS3308 Devices on the I²C or SPI Control Bus
♦ Standard Power Supply Voltages
    – ±5 V Analog Supply
    – +3.3 V Digital Supply




Similar Part No. - CS3308

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS330 COTO-CS330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CS330 COTO-CS330 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
DFI Inc
CS330-Q370 DFI-CS330-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CS3308

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
4 CHANNEL AUDIO VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS3318 CIRRUS-CS3318 Datasheet
682Kb / 44P
8-Channel Analog Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311_07 Datasheet
530Kb / 15P
4-Channel Audio Volume Control
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
6 Channel Volume Control
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
logo
Princeton Technology Co...
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
6 Channel Volume Control
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com