Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 3Page - Cirrus Logic CS3308 Datasheet HTML 4Page - Cirrus Logic CS3308 Datasheet HTML 5Page - Cirrus Logic CS3308 Datasheet HTML 6Page - Cirrus Logic CS3308 Datasheet HTML 7Page - Cirrus Logic CS3308 Datasheet HTML 8Page - Cirrus Logic CS3308 Datasheet HTML 9Page - Cirrus Logic CS3308 Datasheet HTML 10Page - Cirrus Logic CS3308 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
DS702F1
7
CS3308
2. CHARACTERISTICS AND SPECIFICATIONS
All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.
SPECIFIED OPERATING CONDITIONS
(DGND = 0 V; All voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(DGND = 0 V; All voltages with respect to ground. (Note 1)
Notes:
1.
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
4.75
-5.25
3.1
5
-5
3.3
5.25
-4.75
3.5
V
V
V
Ambient Operating Temperature (Power Applied)
TA
-10
-
+70
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
-0.3
-7.0
-0.3
7.0
0.3
3.63
V
V
V
Input Current
(Note 2)
Iin
-
±10
mA
Analog Input Voltage
VINA
(VA-) - 0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
VD - 0.3
VD + 0.3
V
Ambient Operating Temperature (Power Applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com