Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 27Page - Cirrus Logic CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic CS3308 Datasheet HTML 30Page - Cirrus Logic CS3308 Datasheet HTML 31Page - Cirrus Logic CS3308 Datasheet HTML 32Page - Cirrus Logic CS3308 Datasheet HTML 33Page - Cirrus Logic CS3308 Datasheet HTML 34Page - Cirrus Logic CS3308 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
DS702F1
31
CS3308
7. CS3308 REGISTER DESCRIPTIONS
Notes:
1.
When addressing the CS3308 with the Individual Chip Address, all registers are read/write in I²C Mode
and write-only in SPI Mode, unless otherwise noted.
2.
When addressing the CS3308 with the Group Chip Addresses, all registers are write-only in both I²C
and SPI Mode.
7.1
Ch 1-8 Volume - Addresses 01h - 08h
7.1.1
Volume Control (Bits 7:0)
Default = 11010010
Function:
The individual volume control registers allow the user to gain or attenuate the respective channels in
0.5 dB increments. The volume changes are implemented as dictated by the ZCMode[1:0] and Tim-
eOut[2:0] bits in the Device Config 2 register (see “Device Configuration 2 - Address 0Ch” on
page 34).
The value of the Volume Control register is mapped to the desired 0.5 dB step volume setting by the
following equation:
In the equation above, “Desired Volume Setting in dB” is determined by rounding the desired ¼ dB
resolution volume setting down to ½ dB resolution.
It should be noted that input values outside the CS3308’s analog range of +22 dB to -96 dB are valid,
however, the volume of each channel will be limited to the CS3308’s analog range (see “Volume Lim-
its” on page 20).
7
6
5
432
10
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
Register Setting
Gain or Attenuation (dB)*
11111110
+22
11111101
+21.5
11111100
+21
--
11010100
+1
11010011
+0.5
11010010
0
11010001
-0.5
11010000
-1
--
00010100
-95
00010011
-95.5
00010010
-96
* QuarterX = ‘0’. See “¼ dB Control (Bit 0 - 7)” on page 32.
Table 5. Example Volume Settings
Register Value
2
Desired Volume Setting in dB
×
() 210
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com