Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 21Page - Cirrus Logic CS3308 Datasheet HTML 22Page - Cirrus Logic CS3308 Datasheet HTML 23Page - Cirrus Logic CS3308 Datasheet HTML 24Page - Cirrus Logic CS3308 Datasheet HTML 25Page - Cirrus Logic CS3308 Datasheet HTML 26Page - Cirrus Logic CS3308 Datasheet HTML 27Page - Cirrus Logic CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DS702F1
25
CS3308
input of device N+1 may be repeated for up to 128 devices per single CS signal. If more than 128 devices
are required in a system, separate CS signals may be used to create additional chains of up to 128 devices
per CS signal.
As each device is placed into reset (RESET is low), its ENOut signal is driven low. The ENOut signal will
continue to be driven low until the device is taken out of reset (RESET is high) and the Enable bit (see “En-
able Next Device (Bit 0)” on page 41) is set, at which time the ENOut signal will be driven high.
To configure a unique Individual device address for each device on the shared serial bus, the first device
must be reset (a low to high transition on its RESET pin), the Individual device address register must be
written (using the CS3308’s default device address) with a unique device address, and the Enable bit must
be set to take the next device in the serial control chain out of reset. This process may be repeated until all
devices in the serial control chain have been assigned a new Individual device address. Figure 10 dia-
grams this configuration process.
Notice that Figure 10 shows the setting of the Individual address and the setting of the Enable bit as two
discrete steps. While this demonstrates one approach to device configuration, it should be noted that two
steps are not necessary to complete the action of setting the Individual address and enabling the next de-
vice. This may be done simultaneously with one register write (containing the new Individual address and
the Enable bit set) to the Individual address register.
Apply System Power
Start
Reset the First Device
in the Chain
At this point, the chip addresses of each
device are set to their default value. The
ENout pin on each device is low, holding
each subsequent device in a reset state.
Using the default chip address,
perform a write cycle to change the
Individual chip address register to a
unique value.
Using the new Individual chip address,
perform a write cycle to set the Enable
bit.
From this point forward, the device will only
respond to register reads and writes when
addressed with this new Individual device address.
A device will also respond to register writes when
addressed with its Group 1 or Group 2 address.
Have all the devices in the
chain been assigned a unique
chip address?
No
This loop steps through the
devices in a chain, setting a
unique Individual chip adress
for each device as it
progresses.
Each device may now be
independently adressed through the
serial bus using the device's assigned
unique chip address.
The Reset input pins of all devices in the chain are
now high. The serial control interface will
communicate with each device in parallel, but each
device will only respond when the first byte clocked
in on the serial control bus matches its Individual,
Group 1 or Group 2 address. If the first byte
clocked in does not match the one of the device's
chip addresses, the device will ignore all
subsequent traffic on the bus until a new
communication cycle is initiated.
Yes
This will cause the device's
ENout pin to be driven high,
bringing the next device in the
chain out of its reset state.
Optionally, device configuration (initial
volume settings, Group addresses,
etc.) may be implemented using the
new Individual device address.
Figure 10. Individual Device Address Configuration Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com