Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 24Page - Cirrus Logic CS3308 Datasheet HTML 25Page - Cirrus Logic CS3308 Datasheet HTML 26Page - Cirrus Logic CS3308 Datasheet HTML 27Page - Cirrus Logic CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic CS3308 Datasheet HTML 30Page - Cirrus Logic CS3308 Datasheet HTML 31Page - Cirrus Logic CS3308 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
DS702F1
CS3308
Since the read operation cannot set the MAP, an aborted write operation is used as a preamble. As shown
in Figure 13, the write operation is aborted after the acknowledge for the MAP byte by sending a stop con-
dition.
5.9.2
SPI Mode
In SPI Mode, CS is the CS3308 chip-select signal, CCLK, is the control port bit clock (input into the
CS3308 from the microcontroller), and MOSI is the input data line from the microcontroller. Data is
clocked in on the rising edge of CCLK. The default chip address in SPI Mode is 1000000b.
Figure 14 shows the operation of the control port in SPI Mode. To write to a register, bring CS low. The
first seven bits on MOSI form the chip address and must be either the Individual, Group 1, or Group 2 chip
address as set by their respective control port registers. The eighth bit is a read/write indicator (R/W),
which must be low to write. If the read/write indicator is set high (indicating a read operation), the CS3308
will ignore all traffic on the SPI bus until CS is brought high and then low again. The next eight bits form
the Memory Address Pointer (MAP), which is set to the address of the register that is to be written. The
next eight bits are the data which will be placed into the register designated by the MAP.
There is a MAP auto increment capability, enabled by the INCR bit (the MSB of the MAP byte). If INCR is
‘0’, the MAP will stay constant for successive read or writes. If INCR is ‘1’, the MAP will automatically in-
crement after each byte is written, allowing block writes of successive registers.
Referenced Control
Register Location
Individual Address............... “Individual Chip Address 1Bh” on page 41
Group 1 Address ................. “Group 1 Chip Address 1Ah” on page 40
Group 2 Address ................. “Group 2 Chip Address 19h” on page 40
Referenced Control
Register Location
Individual Address............... “Individual Chip Address 1Bh” on page 41
Group 1 Address ................. “Group 1 Chip Address 1Ah” on page 40
Group 2 Address ................. “Group 2 Chip Address 19h” on page 40
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
SDA
CHIP ADDRESS (READ)
START
INCR
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
DATA + n
STOP
MSB
LSB
Chip Address
0
MSB
LSB
Chip Address
1
Figure 13. Control Port Timing, I²C Read
CCLK
MOSI
W
Chip Address
INCR
Memory Address Pointer
Data
CS
1 Byte
1 Byte
> 1 Byte
MSB
LSB
MSB
LSB
MSB
LSB
Figure 14. SPI Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com