Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 26Page - Cirrus Logic CS3308 Datasheet HTML 27Page - Cirrus Logic CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic CS3308 Datasheet HTML 30Page - Cirrus Logic CS3308 Datasheet HTML 31Page - Cirrus Logic CS3308 Datasheet HTML 32Page - Cirrus Logic CS3308 Datasheet HTML 33Page - Cirrus Logic CS3308 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
DS702F1
CS3308
10h
Master 1 Mask
M1_Ch8M
M1_Ch7M
M1_Ch6M
M1_Ch5M
M1_Ch4M
M1_Ch3M
M1_Ch2M M1_Ch1M
page 36
11
1
1
1
1
1
1
11h
Master 1 Vol-
ume
M1_Vol7
M1_Vol6
M1_Vol5
M1_Vol4
M1_Vol3
M1_Vol2
M1_Vol1
M1_Vol0
page 36
11
0
1
0
0
1
0
12h
Master 1 Con-
trol
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M1_Mute
M1_Qtr
page 37
00
0
0
0
0
0
0
13h
Master 2 Mask
M2_Ch8M
M2_Ch7M
M2_Ch6M
M2_Ch5M
M2_Ch4M
M2_Ch3M
M2_Ch2M M2_Ch1M
page 37
11
1
1
1
1
1
1
14h
Master 2 Vol-
ume
M2_Vol7
M2_Vol6
M2_Vol5
M2_Vol4
M2_Vol3
M2_Vol2
M2_Vol1
M2_Vol0
page 37
11
0
1
0
0
1
0
15h
Master 2 Con-
trol
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M2_Mute
M2_Qtr
page 38
00
0
0
0
0
0
0
16h
Master 3 Mask
M3_Ch8M
M3_Ch7M
M3_Ch6M
M3_Ch5M
M3_Ch4M
M3_Ch3M
M3_Ch2M M3_Ch1M
page 38
11
1
1
1
1
1
1
17h
Master 3 Vol-
ume
M3_Vol7
M3_Vol6
M3_Vol5
M3_Vol4
M3_Vol3
M3_Vol2
M3_Vol1
M3_Vol0
page 38
11
0
1
0
0
1
0
18h
Master 3 Con-
trol
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M3_Mute
M3_Qtr
page 39
00
0
0
0
0
0
0
19h
Group 2 Chip
Addr
G2_Addr6
G2_Addr5
G2_Addr4
G2_Addr3
G2_Addr2
G2_Addr1
G2_Addr0 EnG2Addr
page 40
10
0
0
0
0
X
0
1Ah Group 1 Chip
Addr
G1_Addr6
G1_Addr5
G1_Addr4
G1_Addr3
G1_Addr2
G1_Addr1
G1_Addr0 EnG1Addr
page 40
10
0
0
0
0
X
0
1Bh Individual Chip
Addr
Ind_Addr6
Ind_Addr5
Ind_Addr4
Ind_Addr3
Ind_Addr2
Ind_Addr1
Ind_Addr0
Enable
page 41
10
0
0
0
0
X
0
1Ch Chip ID
ID3
ID2
ID1
ID0
Rev3
Rev2
Rev1
Rev0
page 41
1
1
1
0
XXX
X
Addr
Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com