Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 25Page - Cirrus Logic CS3308 Datasheet HTML 26Page - Cirrus Logic CS3308 Datasheet HTML 27Page - Cirrus Logic CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic CS3308 Datasheet HTML 30Page - Cirrus Logic CS3308 Datasheet HTML 31Page - Cirrus Logic CS3308 Datasheet HTML 32Page - Cirrus Logic CS3308 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DS702F1
29
CS3308
6. CS3308 REGISTER QUICK REFERENCE
This table shows the register names and their associated default values.
Addr
Function
7
6
5
4
3
2
1
0
01h
Ch. 1 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
02h
Ch. 2 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
03h
Ch. 3 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
04h
Ch. 4 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
05h
Ch. 5 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
06h
Ch. 6 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
07h
Ch. 7 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
08h
Ch. 8 Volume
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
page 31
11
0
1
0
0
1
0
09h
¼ dB Control
Quarter8
Quarter7
Quarter6
Quarter5
Quarter4
Quarter3
Quarter2
Quarter1
page 32
00
0
0
0
0
0
0
0Ah Mute Control
MuteCh8
MuteCh7
MuteCh6
MuteCh5
MuteCh4
MuteCh3
MuteCh2
MuteCh1
page 33
00
0
0
0
0
0
0
0Bh Device Config 1
Reserved
Reserved
EnMuteIn
MutePolarity
Ch8=7
Ch6=5
Ch4=3
Ch2=1
page 33
00
1
0
0
0
0
0
0Ch Device Config 2
Reserved
Reserved
Reserved
TimeOut2
TimeOut1
TimeOut0
ZCMode1
ZCMode0
page 34
00
0
0
1
1
0
1
0Dh Channel Power
PDN8
PDN7
PDN6
PDN5
PDN4
PDN3
PDN2
PDN1
page 35
00
0
0
0
0
0
0
0Eh Master Power
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PDN_ALL
page 35
00
0
0
0
0
0
1
0Fh
Freeze Control
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Freeze
page 36
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com