Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 33Page - Cirrus Logic CS3308 Datasheet HTML 34Page - Cirrus Logic CS3308 Datasheet HTML 35Page - Cirrus Logic CS3308 Datasheet HTML 36Page - Cirrus Logic CS3308 Datasheet HTML 37Page - Cirrus Logic CS3308 Datasheet HTML 38Page - Cirrus Logic CS3308 Datasheet HTML 39Page - Cirrus Logic CS3308 Datasheet HTML 40Page - Cirrus Logic CS3308 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DS702F1
37
CS3308
7.11
Master 1 Control - Address 12h
7.11.1
Master 1 Mute (Bit 1)
Default = 0
Function:
This bit controls the Master 1 mute state. When set, the Master 1 mute condition is active. When
cleared, the Master 1 mute condition is released.
See “Muting Controls” on page 21 for more information about the muting behavior of the CS3308.
7.11.2
Master 1 ¼ dB Control (Bit 0)
Default = 0
Function:
When set, ¼ dB of gain will be added to the Master 1 volume level.
See Table 6 on page 32 for an example of volume settings using the ¼ dB control.
7.12
Master 2 Mask - Address 13h
Each bit in this register serves as a Master 2 mask for its corresponding channel.
If a mask bit is set to ‘1’, the corresponding channel is unmasked, meaning that it will be affected by the
Master 2 volume and muting controls.
If a mask bit is set to ‘0’, the corresponding channel is masked, meaning that it will not be affected by the
Master 2 volume and muting controls.
This register defaults to FFh (all channels unmasked).
7.13
Master 2 Volume - Address 14h
7.13.1
Master 2 Volume Control (Bits 7:0)
Default = 11010010
Function:
The Master 2 volume control register allows the user to simultaneously gain or attenuate all un-
masked channels from +22 dB to -96 dB in 0.5 dB increments. The volume changes are implemented
as dictated by the ZCMode[1:0] and TimeOut[2:0] bits in the Device Config 2 register (see “Device
Configuration 2 - Address 0Ch” on page 34).
The value of the Master 2 volume control register is mapped to the desired 0.5 dB step Master 2 vol-
ume setting by the following equation:
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M1_Mute
M1_Qtr
7
6
5
432
10
M2_Ch8M
M2_Ch7M
M2_Ch6M
M2_Ch5M
M2_Ch4M
M2_Ch3M
M2_Ch2M
M2_Ch1M
7
6
5
432
10
M2_Vol7
M2_Vol6
M2_Vol5
M2_Vol4
M2_Vol3
M2_Vol2
M2_Vol1
M2_Vol0
Register Value
2
Desired Volume Setting in dB
×
() 210
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com