Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3308 Datasheet HTML 1Page - Cirrus Logic CS3308 Datasheet HTML 2Page - Cirrus Logic CS3308 Datasheet HTML 3Page - Cirrus Logic CS3308 Datasheet HTML 4Page - Cirrus Logic CS3308 Datasheet HTML 5Page - Cirrus Logic CS3308 Datasheet HTML 6Page - Cirrus Logic CS3308 Datasheet HTML 7Page - Cirrus Logic CS3308 Datasheet HTML 8Page - Cirrus Logic CS3308 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
8-Channel Analog Volume Control
Features
Complete Analog Volume Control
–
8 Independently Controllable Channels
–
3 Configurable Master Volume and Muting
Controls
Wide Adjustable Volume Range
–
-96 dB to +22 dB in ¼ dB Steps
Low Distortion & Noise
–
-112 dB THD+N
–
123 dB Dynamic Range
Noise-Free Level Transitions
–
Zero-Crossing Detection with
Programmable Time-Out
Low Channel-to-Channel Crosstalk
–
120 dB Inter-Channel Isolation
Comprehensive Serial Control Port
–
Supports I²C® and SPITM Communication
–
Independent Control of up to 128 Devices
on a Shared 2-Wire I²C or 3-Wire SPI
Control Bus
–
Supports Individual and Grouped Control of
all CS3308 Devices on the I²C or SPI
Control Bus
Standard Power Supply Voltages
–
±5 V Analog Supply
–
+3.3 V Digital Supply
Description
The CS3308 is an 8-channel digitally controlled analog
volume control designed specifically for high-end audio
systems. It features a comprehensive I²C/SPI serial
control port for easy device and volume configuration.
The CS3308 includes arrays of well-matched resistors
and complementary low-noise active output stages. A
total adjustable range of 118 dB, in ¼ dB steps, is
spread evenly over 96 dB of attenuation and 22 dB of
gain.
The CS3308 implements configurable zero-crossing
detection to provide glitch-free volume-level changes.
The I²C/SPI control interface provides for easy system
integration of up to 128 CS3308 devices over a single 2-
wire I²C or 3-wire SPI bus, allowing many channels of
volume control with minimal system controller I/O re-
quirements. Devices may be controlled on an individual
and grouped basis, simplifying simultaneous configura-
tion of a group of channels across multiple devices,
while allowing discrete control over all channels on an
individual basis.
The device operates from ±5 V analog supplies and has
an input/output voltage range of ±3.65 V. The digital
control interface operates at +3.3 V.
The CS3308 is available in a 48-pin LQFP package in
Commercial grade (-10° to 70° C). The CS3308 Cus-
tomer Demonstration board is also available for device
evaluation. Refer to “Ordering Information” on page 44
for complete details.
±5 V
+3.3 V
8-Channel
Analog
Outputs
I²C/SPI
Serial
Control
8
+
_
Zero Crossing
Detector
I²C / SPI
Control
Port
8-Channel
Analog
Inputs
8
DECEMBER '06
DS702F1
CS3308


Similar Part No. - CS3308

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS330 COTO-CS330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CS330 COTO-CS330 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
DFI Inc
CS330-Q370 DFI-CS330-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS3308

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
4 CHANNEL AUDIO VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS3318 CIRRUS-CS3318 Datasheet
682Kb / 44P
8-Channel Analog Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311_07 Datasheet
530Kb / 15P
4-Channel Audio Volume Control
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
6 Channel Volume Control
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
logo
Princeton Technology Co...
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
6 Channel Volume Control
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com