Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3308 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 16Page - Cirrus Logic CS3308 Datasheet HTML 17Page - Cirrus Logic CS3308 Datasheet HTML 18Page - Cirrus Logic CS3308 Datasheet HTML 19Page - Cirrus Logic CS3308 Datasheet HTML 20Page - Cirrus Logic CS3308 Datasheet HTML 21Page - Cirrus Logic CS3308 Datasheet HTML 22Page - Cirrus Logic CS3308 Datasheet HTML 23Page - Cirrus Logic CS3308 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
DS702F1
CS3308
Table 1 shows example volume settings using individual and master volume controls.
Refer to Figure 6 on page 18 for a graphical representation of the volume controls’ functionality.
5.5.3
Volume Limits
The analog section of the CS3308 is designed to accommodate gain and attenuation over the range of
+22 dB to -96 dB. Values outside this range may, however, be written to the CS3308’s internal registers.
As shown in Figure 6 on page 18, the value of the Individual and Master volume control registers are
summed before being limited to the range allowed by the CS3308’s analog section. This architecture has
the benefit of allowing both individual and master volume control input beyond the analog range of the
CS3308.
If the effective volume (See Equation 1 on page 19) of an individual channel is greater than +22 dB, the
channel’s volume will be set to +22 dB.
If the effective volume of an individual channel is less than -96 dB, the channel will mute, but the MuteChX
bit will not be set. When the channel’s effective volume returns to -96 dB or above, the mute condition will
be released. It should be noted that if the channel’s MuteChX bit or any of the channel’s unmasked
Master X Mute bits are set, the channel will remain muted until the necessary mute conditions are re-
leased.
IndividualChX Master 1
Mask 1ChX
Master 2
Mask 2ChX
Master 3
Mask 3ChX
LevelChX
Channel 1
+3.75 dB
+1.0 dB
0
+5.25 dB
0
-8.5 dB
0
+3.75 dB
Channel 2
+2.5 dB
0
0
1
-6.0 dB
Channel 3
+1.25 dB
0
1
0
+6.5 dB
Channel 4
0 dB
0
1
1
-3.25 dB
Channel 5
-1.25 dB
1
0
0
-0.25 dB
Channel 6
-2.5 dB
1
0
1
-10.0 dB
Channel 7
-3.75 dB
1
1
0
+2.5 dB
Channel 8
-4.0 dB
1
1
1
-6.25 dB
Table 1. Example Volume Settings
Referenced Control
Register Location
Master X Volume................. “Master 1 Volume - Address 11h” on page 36
“Master 2 Volume - Address 14h” on page 37
“Master 3 Volume - Address 17h” on page 38
Master X Control ................. “Master 1 Control - Address 12h” on page 37
“Master 2 Control - Address 15h” on page 38
“Master 3 Control - Address 18h” on page 39
Master X Mask .................... “Master 1 Mask - Address 10h” on page 36
“Master 2 Mask - Address 13h” on page 37
“Master 3 Mask - Address 16h” on page 38
Referenced Control
Register Location
MuteChX ............................. “Mute Control - Address 0Ah” on page 33
Master X Mute..................... “Master 1 Mute (Bit 1)” on page 37
“Master 2 Mute (Bit 1)” on page 38
“Master 3 Mute (Bit 1)” on page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com