Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet (PDF) - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet PDF - WOLFSPEED, INC.
Part # GTRA360502M-V1-R3K
Download  GTRA360502M-V1-R3K Download
File Size   844.56 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 34003800 MHz

GTRA360502M-V1-R3K Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA360502M-V1-R3K Datasheet PDF - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Download  GTRA360502M-V1-R3K Click to download

File Size   844.56 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 34003800 MHz

GTRA360502M-V1-R3K Datasheet (HTML) - WOLFSPEED, INC.


GTRA360502M-V1-R3K Product details

Description
The GTRA360502M houses two GaN-on-SiC power transistor for use in
asymmetric Doherty power amplifi ers. The device has been designed
for use in communications infrastructure applications from 3,400 MHz to
3,800 MHz. It operates from a supply voltage of up to 50 volts and delivers
a maximum, average output power of 8 watts.
Features
• GaN on SiC HEMT technology
• Asymmetrical Doherty design
- Main: P3dB = 20 W Typ
- Peak: P3dB = 36 W Typ
• Typical pulsed CW performance, 3600 MHz, 48 V, 10 μs
bandwidth, 10% duty cycle (Doherty configuration)
- Output power at P3dB = 50 W
- Drain efficiency = 62% @ 50 W
• Human Body Model Class 1A (per ANSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS compliant
• Low thermal resistance




Similar Part No. - GTRA360502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results


Similar Description - GTRA360502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA260502M WOLFSPEED-GTRA260502M Datasheet
762Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
Rev. 04. 2023-06-26
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com