Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA360502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-27
3
GTRA360502M
Typical Performance (data taken in Wolfspeed application circuit)
Ordering Information
Type and Version
Order Code
Package Description
Shipping
GTRA360502M V1 R3K
GTRA360502M-V1-R3K
PG-DFN-6.5x7-1
Tape & Reel, 3,000 pcs
0
10
20
30
40
50
60
-55
-45
-35
-25
-15
-5
5
18
23
28
33
38
43
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 25 mA, VGS(PEAK) = –4.9V,
ƒ = 3600 MHz
3GPP WCDM signal, 10 dB PAR, 3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
g360502m-gr2a
48
50
52
54
56
58
6
8
10
12
14
16
3150 3250 3350 3450 3550 3650 3750 3850
Frequency (MHz)
Single-carrier WCDMA, Broadband
VDD = 48 V, IDQ = 25 mA,
VGS(PEAK) = –4.9 V, POUT = 39 dBm,
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
g360502m-gr3
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 48 V, IDQ = 22 to 28 mA, POUT = 7.9 W avg, VGS(PEAK) = –4.5 V, ƒ = 3600 MHz, channel bandwidth = 3.84 MHz, peak/average = 10 dB
@ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
12
13
—
dB
Drain Efficiency
D
42
46
—
%
Adjacent Channel Power Ratio
ACPR
—
–22
–19
dBc
Output PAR @ 0.01% CCDF
OPAR
6.5
7.5
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com