Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA360502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-27
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
GTRA360502M
Package PG-DFN-6.5x7-1
Description
The GTRA360502M houses two GaN-on-SiC power transistor for use in
asymmetric Doherty power amplifiers. The device has been designed
for use in communications infrastructure applications from 3,400 MHz to
3,800 MHz. It operates from a supply voltage of up to 50 volts and delivers
a maximum, average output power of 8 watts.
Features
• GaN on SiC HEMT technology
• Asymmetrical Doherty design
- Main: P3dB = 20 W Typ
- Peak: P3dB = 36 W Typ
• Typical pulsed CW performance, 3600 MHz, 48 V, 10 μs
bandwidth, 10% duty cycle (Doherty configuration)
- Output power at P3dB = 50 W
- Drain efficiency = 62% @ 50 W
• Human Body Model Class 1A (per ANSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS compliant
• Low thermal resistance
GTRA360502M
Thermally-Enhanced High Power RF GaN on SiC HEMT
50 W, 48 V, 3400 – 3800 MHz
0
10
20
30
40
50
60
3
6
9
12
15
18
21
18
23
28
33
38
43
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48V, IDQ = 25 mA, VGS(PEAK) = –4.9 V,
= 3600 MHz
3GPP WCDMA signal
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
g360502m-gr1a
RF Characteristics
Typical RF Characteristics (tested in Wolfspeed application circuit)
VDD = 48 V, IDQ = 25 mA, VGS(PEAK) = –4.9 V, channel bandwidth = 3.84 MHz, 10 dB peak/average @ 0.01% CCDF
Freq
Pout
Gain
Eff
PAR
ALT1
–ALT1
ALT2
–ALT2
MHz
W
dB
%
dB
dBc
dBc
dBc
dBc
3400
39.0
14.9
54.1
8.8
–23.3
–23.1
–34.4
–34.2
3500
39.0
15.6
55.2
8.7
–24.5
–24.6
–36.2
–36.2
3600
39.0
15.6
53.9
8.3
–26.1
–26.2
–37.0
–37.0
3700
39.0
15.2
55.3
7.9
–29.4
–29.1
–39.1
–38.7
3800
39.0
14.5
50.9
6.9
–32.0
–31.8
–41.0
–40.6


Similar Part No. - GTRA360502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results

Similar Description - GTRA360502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA260502M WOLFSPEED-GTRA260502M Datasheet
762Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
Rev. 04. 2023-06-26
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com