Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  GTRA360502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-27
7
GTRA360502M
* It is recommended that all pins labelled "N/C" be connected to ground
Application Circuit (cont.)
Components Table
Component
Description
Manufacturer
P/N
C101, C111, C112, C125
Capacitor, 10 μF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C102, C110, C113, C124
Capacitor, 1 μF 100 V
TDK Corporation
C4532X7R2A105M230KA
C103, C105, C106, C109, C115,
C117,C118, C119, C122
Capacitor, 10 pF
ATC
ATC800A100JT250T
C104
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250T
C107
Capacitor, 0.1 pF
ATC
ATC800A0R1CT250T
C108
Capacitor, 0.7 pF
ATC
ATC800A0R7CT250T
C114, C126
100 μF
Panasonic Electronic Components
EEE-FK1J101P
C116
Capacitor, 1.2 pF
ATC
ATC800A1R2CT250T
C120
Capacitor, 1.0 pF
ATC
ATC800A1R0CT250T
C121
Capacitor, 15 pF
ATC
ATC800A150JT250T
C123
10 μF, 100 V
Murata Electronics
GRM32EC72A106KE05L
R101, R102
Resistor, 5.1 ohms
Panasonic Electronic Components
ERJ-8GEYJ5R1V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
90-degree Hybrid Coupler,
3.3 – 3.7 GHz
Anaren
C3337J5003AH
Pinout Diagram (Package PG-DFN-6.5x7-1, top view)
Pin
Description
1
RFIN (main)
2
N/C*
3
RFIN (peak)
4
RFOUT (peak)
5
N/C*
6
RFOUT (main)
S
Ground (package, flange)
Bias Sequencing
Bias OFF
1. Turn RF off
2. Appliy pinch-off voltage to the gate
3. Turn off drain voltage
4. Turn off gate voltage
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Index
Marking
3
2
1
Main
Peak
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com