Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA360502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-27
5
GTRA360502M
Load Pull
See next page for application circuit
Main Side Load Pull Performance – Pulsed CW signal: 10 μs, 10% duty cycle, 48 V, IDQ = 25 mA, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
]
ZL
[]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
ZL
[]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
3400
12.4 – j29.6 24.8 + j17.8
15.2
43.8
24
62.0
13.6 + j31.3
18
42.2
17
67
3600
22.3 – j22.7 20.8 + j11.8
15.9
43.6
23
60.0
13.2 + j27.6
20
41.8
15
65
Peak Side Load Pull Performance – Pulsed CW signal: 10 μs, 10% duty cycle, 48 V, IDQ = 43 mA, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
]
ZL
[]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
ZL
[]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
3400
19.2 – j19.5 13.6 + j11.9
15.7
46.3
43
60.0
9.2 + j20
17.5
44.9
31
66
3600
10.3 – j2.9
11 + j11
15.5
45.7
37
57.0
8.5 + j16.6
16.8
44.7
30
62



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com