Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA360502M-V1-R3K Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # GTRA360502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA360502M-V1-R3K Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  GTRA360502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA360502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev.
04, 2023-06-27
2
GTRA360502M
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage (main)
VGS = –8 V, ID = 0.36 mA
V(BR)DSS
150
—
—
V
(peak)
VGS = –8 V, ID = 0.60 mA
V(BR)DSS
150
—
—
V
Drain-source Leakage Current
(main)
VDS = 10 V, VGS = –8 V
IDSS
—
—
0.36
mA
(peak)
VDS = 10 V, VGS = –8 V
IDSS
—
—
0.80
mA
Gate Threshold Voltage
(main)
VDS = 10 V, ID = 2.6 mA
VGS(th)
–3.8
–3.0
–2.3
V
(peak)
VDS = 10 V, ID = 4.3 mA
VGS(th)
–3.8
–3.0
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = 25 mA
VGS(Q)
–4
–3.0
–2.1
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Operating Voltage
VDD
55
V
Gate Current
(main)
IG
2.6
mA
(peak)
IG
4.30
mA
Drain Current
(main)
ID
0.97
A
(peak)
ID
1.60
A
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these values
may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. For
reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance
(main) TCASE = 70°C, 5 W DC
RJC
7.3
°C/W
(peak) TCASE = 70°C, 20 W DC
RJC
6.5
°C/W
Moisture Sensitivity Level
Level
Test Signal
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com