Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet (PDF) - Intel Corporation

LXT971ABC Datasheet PDF - Intel Corporation
Part # LXT971ABC
Download  LXT971ABC Download
File Size   650.02 Kbytes
Page   90 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 3.3V Dual-Speed Fast Ethernet PHY Transceiver

LXT971ABC Datasheet (PDF)

Go To PDF Page Download Datasheet
LXT971ABC Datasheet PDF - Intel Corporation

Part # LXT971ABC
Download  LXT971ABC Click to download

File Size   650.02 Kbytes
Page   90 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 3.3V Dual-Speed Fast Ethernet PHY Transceiver

LXT971ABC Datasheet (HTML) - Intel Corporation


LXT971ABC Product details

The LXT971A is an IEEE compliant Fast Ethernet PHY Transceiver that directly supports both 100BASE-TX and 10BASE-T applications. It provides a Media Independent Interface (MII) for easy attachment to 10/100 Media Access Controllers (MACs). The LXT971A also provides a Low Voltage PECL (LVPECL) interface for use with 100BASE-FX fiber networks.

Product Features
■ 3.3V Operation.
■ Low power consumption (300 mW typical).
■ Low-power “Sleep” mode.
■ 10BASE-T and 100BASE-TX using a single RJ-45 connection.
■ Supports auto-negotiation and parallel detection.
■ MII interface with extended register capability.
■ Robust baseline wander correction performance.
■ 100BASE-FX fiber-optic capable.
■ Standard CSMA/CD or full-duplex operation.
■ Supports JTAG boundary scan.
■ Configurable via MDIO serial port or hardware control pins.
■ Integrated, programmable LED drivers.
■ 64-ball Plastic Ball Grid Array (PBGA).
    — LXT971ABC - Commercial (0° to 70°C ambient).
    —LXT971ABE - Extended (-40° to 85°C ambient).
■ 64-pin Low-profile Quad Flat Package (LQFP).
    — LXT971ALC - Commercial (0° to 70°C ambient).
    — LXT971ALE - Extended (-40° to 85°C ambient).

Applications
■ Combination 10BASE-T/100BASE-TX or 100BASE-FX Network Interface Cards (NICs)
■ 10/100 PCMCIA Cards
■ Cable Modems and Set-Top Boxes




Similar Part No. - LXT971ABC

ManufacturerPart #DatasheetDescription
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Intel Corporation
LXT970AQC INTEL-LXT970AQC Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
LXT970ATC INTEL-LXT970ATC Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
More results


Similar Description - LXT971ABC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Intel Corporation
LXT972A INTEL-LXT972A Datasheet
833Kb / 70P
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com