Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 5 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 5 Page - Intel Corporation

  LXT971ABC Datasheet HTML 1Page - Intel Corporation LXT971ABC Datasheet HTML 2Page - Intel Corporation LXT971ABC Datasheet HTML 3Page - Intel Corporation LXT971ABC Datasheet HTML 4Page - Intel Corporation LXT971ABC Datasheet HTML 5Page - Intel Corporation LXT971ABC Datasheet HTML 6Page - Intel Corporation LXT971ABC Datasheet HTML 7Page - Intel Corporation LXT971ABC Datasheet HTML 8Page - Intel Corporation LXT971ABC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
LXT971A 3.3 V Dual-Speed Fast Ethernet Transceiver
Datasheet
5
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figures
1
LXT971A Block Diagram...................................................................................................9
2
64-Pin PBGA Pin Assignments.........................................................................................10
3
64-Pin LQFP Pin Assignments..........................................................................................11
4
Management Interface Read Frame Structure...................................................................21
5
Management Interface Write Frame Structure ..................................................................21
6
Interrupt Logic...................................................................................................................22
7
Initialization Sequence ......................................................................................................24
8
Hardware Configuration Settings ......................................................................................26
9
Link Establishment Overview ...........................................................................................28
10
10BASE-T Clocking .........................................................................................................30
11
100BASE-X Clocking .......................................................................................................30
12
Link Down Clock Transition.............................................................................................30
13
Loopback Paths .................................................................................................................31
14
100BASE-X Frame Format...............................................................................................32
15
100BASE-TX Data Path....................................................................................................33
16
100BASE-TX Reception with no Errors...........................................................................33
17
100BASE-TX Reception with Invalid Symbol .................................................................33
18
100BASE-TX Transmission with no Errors......................................................................34
19
100BASE-TX Transmission with Collision......................................................................34
20
Protocol Sublayers.............................................................................................................35
21
LED Pulse Stretching ........................................................................................................42
22
Typical Twisted-Pair Interface - Switch............................................................................45
23
Typical Twisted-Pair Interface - NIC................................................................................46
24
Typical MII Interface ........................................................................................................47
25
Typical Fiber Interface ......................................................................................................48
26
100BASE-TX Receive Timing - 4B Mode .......................................................................53
27
100BASE-TX Transmit Timing - 4B Mode......................................................................54
28
100BASE-FX Receive Timing..........................................................................................55
29
100BASE-FX Transmit Timing ........................................................................................56
30
10BASE-T Receive Timing ..............................................................................................57
31
10BASE-T Transmit Timing.............................................................................................58
32
10BASE-T Jabber and Unjabber Timing ..........................................................................59
33
10BASE-T SQE (Heartbeat) Timing.................................................................................59
34
Auto Negotiation and Fast Link Pulse Timing..................................................................60
35
Fast Link Pulse Timing .....................................................................................................60
36
MDIO Input Timing ..........................................................................................................61
37
MDIO Output Timing........................................................................................................61
38
Power-Up Timing..............................................................................................................62
39
RESET Pulse Width and Recovery Timing ......................................................................62
40
PHY Identifier Bit Mapping..............................................................................................68
41
PBGA Package Specification ............................................................................................79
42
LXT971A LQFP Package Specifications..........................................................................80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com