Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 20 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 20 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 16Page - Intel Corporation LXT971ABC Datasheet HTML 17Page - Intel Corporation LXT971ABC Datasheet HTML 18Page - Intel Corporation LXT971ABC Datasheet HTML 19Page - Intel Corporation LXT971ABC Datasheet HTML 20Page - Intel Corporation LXT971ABC Datasheet HTML 21Page - Intel Corporation LXT971ABC Datasheet HTML 22Page - Intel Corporation LXT971ABC Datasheet HTML 23Page - Intel Corporation LXT971ABC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
20
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 8. LXT971A Pin Types and Modes
Modes
RXD 0-3
RXDV
Tx/Rx
CLKS
Output
RXER
Output
COL
Output
CRS
Output
TXD 0-3
Input
TXEN
Input
TXER
Input
HWReset
DL
DL
DH
DL
DL
DL
IPLD
IPLD
IPLD
SFTPWRDN
DL
DL
Active
DL
DL
DL
IPLD
IPLD
IPLD
HWPWRDN
High Z
High Z
High Z
High Z
High Z
High Z
High Z
High Z
High Z
ISOLATE
HZ w/
IPLD
HZ w/
IPLD
HZ w/
IPLD
HZ w/
IPLD
HZ w/
IPLD
HZ w/
IPLD
IPLD
IPLD
IPLD
SLEEP
DL
DL
DL
DL
DL
DL
IPLD
IPLD
IPLD
1. A High Z (High impedance) or three-state determines when the device is drawing a current of less than
20 nA. A High Z with PLD (High impedance with pull-down) state determines when the device is drawing a
current of less than 20
µA.
2. DL = Driven Low (Logic 0), DH = Driven High (Logic 1), IPLD = Internal Pull-Down (Weak)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com