Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 24Page - Intel Corporation LXT971ABC Datasheet HTML 25Page - Intel Corporation LXT971ABC Datasheet HTML 26Page - Intel Corporation LXT971ABC Datasheet HTML 27Page - Intel Corporation LXT971ABC Datasheet HTML 28Page - Intel Corporation LXT971ABC Datasheet HTML 29Page - Intel Corporation LXT971ABC Datasheet HTML 30Page - Intel Corporation LXT971ABC Datasheet HTML 31Page - Intel Corporation LXT971ABC Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
28
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.4.3
Reduced Power Modes
The LXT971A offers two power-down modes and a sleep mode.
3.4.3.1
Hardware Power Down
The hardware power-down mode is controlled by the PWRDWN pin. When PWRDWN is High,
the following conditions are true:
• The LXT971A network port and clock are shut down.
• All outputs are three-stated.
• All weak pad pull-up and pull-down resistors are disabled.
• The MDIO registers are not accessible.
Figure 7. Initialization Sequence
MDDIS Voltage
Level?
High
Low
MDIO Control
Mode
Hardware Control
Mode
Disable MDIO Read and
Write Operations
Reset MDIO Registers to
values read at H/W
Control Interface at last
Hardware Reset
MDIO Controlled Operation
(MDIO Writes Enabled)
Power-up or Reset
Initialize MDIO Registers
Read H/W Control
Interface
Software
Reset?
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com