Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 61 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 61 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 57Page - Intel Corporation LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation LXT971ABC Datasheet HTML 60Page - Intel Corporation LXT971ABC Datasheet HTML 61Page - Intel Corporation LXT971ABC Datasheet HTML 62Page - Intel Corporation LXT971ABC Datasheet HTML 63Page - Intel Corporation LXT971ABC Datasheet HTML 64Page - Intel Corporation LXT971ABC Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
61
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
5.2
Timing Diagrams
Figure 28. 100BASE-TX Receive Timing - 4B Mode
Table 29. 100BASE-TX Receive Timing Parameters - 4B Mode
Parameter
Sym
Min
Typ1
Max
Units2
Test Conditions
RXD<3:0>, RX_DV, RX_ER setup
to RX_CLK High
t1
10
–
–
ns
–
RXD<3:0>, RX_DV, RX_ER hold
from RX_CLK High
t2
10
–
–
ns
–
CRS asserted to RXD<3:0>, RX_DV
t3
3
–
5
BT
–
Receive start of “J” to CRS asserted
t4
12
–
16
BT
–
Receive start of “T” to CRS de-asserted
t5
10
–
17
BT
–
Receive start of “J” to COL asserted
t6
16
–
22
BT
–
Receive start of “T” to COL de-asserted
t7
17
–
20
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate.
100BASE-T bit time = 10-8 s or 10 ns.
t4
t5
t3
t6
t7
0ns
250ns
CRS
RX_DV
RXD<3:0>
RX_CLK
COL
t1
t2
TPFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com